전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDH25D09HF-100MC 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 CDH25D09HF-100MC
상세설명  Magnetically unshielded construction RoHS Compliance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH25D09HF-100MC 데이터시트(HTML) 2 Page - Sumida Corporation

  CDH25D09HF-100MC Datasheet HTML 1Page - Sumida Corporation CDH25D09HF-100MC Datasheet HTML 2Page - Sumida Corporation CDH25D09HF-100MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Electrical Characteristics specification.
0.39(0.45)
0.47(0.59)
1.03 (0.821)
10.0
±20%
CDH25D09HF-100MC
0.58(0.72)
0.70(0.87)
0.85(1.06)
1.04(1.30)
1.26(1.57)
1.58(1.98)
1.82(2.28)
2.08(2.60)
Saturation
Current
(A)
※1
0.58(0.65)
0.491(0.393)
4.7
±20%
CDH25D09HF-4R7MC
0.47(0.53)
0.735(0.588)
6.8
±20%
CDH25D09HF-6R8MC
0.71(0.81)
0.361(0.289)
3.3
±20%
CDH25D09HF-3R3MC
0.75(0.85)
0.279(0.223)
2.2
±20%
CDH25D09HF-2R2MC
0.89(1.00)
0.183(0.146)
1.5
±30%
CDH25D09HF-1R5NC
1.33(1.50)
0.115(0.092)
1.0
±30%
CDH25D09HF-1R0NC
1.52(1.72)
0.083(0.066)
0.68
±30%
CDH25D09HF-R68NC
1.69(1.90
0.069(0.055)
0.47
±30%
CDH25D09HF-R47NC
Temperature
Rise Current
(A)
※2
D.C.R.
Max.(Typ.)
(
Ω)
Inductance
( H)
at 1MHz
Sumida P/N
◆ CDH25D09
Power Inductor
CDH25D09,CDH25D11


유사한 부품 번호 - CDH25D09HF-100MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH25D09HF-100MC SUMIDA-CDH25D09HF-100MC Datasheet
527Kb / 7P
   Power Inductor
CDH25D09HF-100MC SUMIDA-CDH25D09HF-100MC Datasheet
138Kb / 3P
   SMD Power Inductor
More results

유사한 설명 - CDH25D09HF-100MC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDH20D_1012 SUMIDA-CDH20D_1012 Datasheet
145Kb / 3P
   Power Inductor Magnetically unshielded construction
CDRH26D11 SUMIDA-CDRH26D11_10 Datasheet
202Kb / 2P
   Magnetically shielded RoHS and Halogen-Free Compliance
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
logo
Surge Components
OCV SURGE-OCV Datasheet
1Mb / 3P
   rohs compliance
OCVU SURGE-OCVU Datasheet
704Kb / 2P
   rohs compliance
RLA SURGE-RLA Datasheet
1Mb / 2P
   rohs compliance
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com