전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1623PH 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TEA1623PH
상세설명  STARplug switched mode power supply controller IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1623PH 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TEA1623PH Datasheet HTML 4Page - NXP Semiconductors TEA1623PH Datasheet HTML 5Page - NXP Semiconductors TEA1623PH Datasheet HTML 6Page - NXP Semiconductors TEA1623PH Datasheet HTML 7Page - NXP Semiconductors TEA1623PH Datasheet HTML 8Page - NXP Semiconductors TEA1623PH Datasheet HTML 9Page - NXP Semiconductors TEA1623PH Datasheet HTML 10Page - NXP Semiconductors TEA1623PH Datasheet HTML 11Page - NXP Semiconductors TEA1623PH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TEA1623P_TEA1623PH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 30 August 2010
8 of 20
NXP Semiconductors
TEA1623P; TEA1623PH
STARplug switched mode power supply controller IC
8.6 Protection
8.6.1 Overcurrent protection
The cycle-by-cycle peak drain current limit circuit uses the external source resistor RI (see
Figure 7) to measure the current. The circuit is activated after the leading edge blanking
time tleb. The protection circuit limits the source voltage to Vsource(max), and thus limits the
primary peak current.
8.6.2 Short-winding protection
The short-winding protection circuit is also activated after the leading edge blanking time.
If the source voltage exceeds the short-winding protection voltage Vswp, the TEA1623
stops switching. Only a power-on reset will restart normal operation. The short-winding
protection also protects in case of a secondary diode short circuit.
8.6.3 OverTemperature Protection (OTP)
An accurate temperature protection is provided in the TEA1623. When the junction
temperature exceeds the thermal shut-down temperature, the IC stops switching. During
thermal protection, the IC current is lowered to the start-up current. The IC continues
normal operation as soon as the overtemperature situation has disappeared.
8.6.4 OverVoltage Protection (OVP)
Overvoltage protection can be achieved in the application by pulling pin REG above its
normal operation level, or by keeping the level of pin AUX above Vdemag. The current
primary stroke is terminated immediately and no new primary stroke is started until the
voltage on pin REG drops to its normal operation level. Pin REG has an internal clamp.
The current feed into pin REG must be limited.
8.7 Characteristics of the complete power-plug
8.7.1 Input
The input voltage range comprises the universal AC mains from 80 V to 276 V.
8.7.2 Accuracy
The accuracy of the complete converter, functioning as a voltage source with primary
sensing, is approximately 8 % (mainly dependent on the transformer coupling). The
accuracy with secondary sensing is defined by the accuracy of the external components.
For safety requirements in case of optocoupler feedback loss, the primary sensing
remains active when an overvoltage circuit is connected.
8.7.3 Efficiency
An efficiency of 75 % at maximum output power can be achieved for a complete converter
designed for universal mains.
8.7.4 Ripple
A minimum ripple is obtained in a system designed for a maximum duty factor of 50 %
under normal operating conditions and a minimized dead time. The magnitude of the
ripple in the output voltage is determined by the frequency and duty factor of the
converter, the output current level, and the value and ESR of the output capacitor.


유사한 부품 번호 - TEA1623PH

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TEA1623PH ETC-TEA1623PH Datasheet
314Kb / 12P
   TEA1623
logo
NXP Semiconductors
TEA1623PH/N1 NXP-TEA1623PH/N1 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

유사한 설명 - TEA1623PH

제조업체부품명데이터시트상세설명
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
WAGO Kontakttechnik Gmb...
787-1675 WAGO-787-1675 Datasheet
524Kb / 10P
   Switched-mode power supply with integrated charger and controller
logo
ON Semiconductor
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215 ONSEMI-NCP1215 Datasheet
148Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
October, 2004 ??Rev. 2
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
List of Unclassifed Man...
RPI3-MODBP-POE ETC-RPI3-MODBP-POE Datasheet
1Mb / 5P
   Fully isolated switched-mode power supply
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com