전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28110_1012 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL28110_1012
상세설명  Precision Low Noise JFET Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28110_1012 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL28110_1012 Datasheet HTML 2Page - Intersil Corporation ISL28110_1012 Datasheet HTML 3Page - Intersil Corporation ISL28110_1012 Datasheet HTML 4Page - Intersil Corporation ISL28110_1012 Datasheet HTML 5Page - Intersil Corporation ISL28110_1012 Datasheet HTML 6Page - Intersil Corporation ISL28110_1012 Datasheet HTML 7Page - Intersil Corporation ISL28110_1012 Datasheet HTML 8Page - Intersil Corporation ISL28110_1012 Datasheet HTML 9Page - Intersil Corporation ISL28110_1012 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISL28110, ISL28210
6
FN6639.1
December 8, 2010
Electrical Specifications VS = ±15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
-300
300
µV
-40°C < TA < +125°C
-1300
1300
µV
TCVOS
Input Offset Voltage Temperature
Coefficient (Grade C)
-40°C < TA < +125°C
110
µV/C
IB
Input Bias Current
ISL28110
4.5
±2
4.5
pA
-40°C < TA < +60°C
-25
25
pA
-40°C < TA < +85°C
-85
85
pA
-40°C < TA < +125°C
-950
950
pA
IB
Input Bias Current
ISL28210
5
±2
5
pA
-40°C < TA < +60°C
-350
350
pA
-40°C < TA < +85°C
-700
700
pA
-40°C < TA < +125°C
-3600
3600
pA
IOS
Input Offset Current
ISL28110
-2.5
±0.5
2.5
pA
-40°C < TA < +60°C
-25
25
pA
-40°C < TA < +85°C
-85
85
pA
-40°C < TA < +125°C
-650
650
pA
IOS
Input Offset Current
ISL28210
-2.5
±0.5
2.5
pA
-40°C < TA < +60°C
-285
285
pA
-40°C < TA < +85°C
-445
445
pA
-40°C < TA < +125°C
-2000
2000
pA
CIN-DIFF
Differential Input Capacitance
8.3
pF
CIN-CM
Common Mode Input Capacitance
11.8
pF
RIN-DIFF
Differential Input Resistance
530
RIN-CM
Common Mode Input Resistance
560
VCMIR
Common Mode Input Voltage Range Guaranteed by CMRR test
V- +1.5
V+ -1.5
V
CMRR
Common Mode Rejection Ratio
VCM = -13.5V to +13.5V
80
100
dB
AVOL
Open-loop Gain
RL = 10kΩ to ground
VO = -12.5V to +12.5V
107
109
dB
-40°C < TA < +125°C
106
dB
DYNAMIC PERFORMANCE
GBWP
Gain-bandwidth Product
G = 100, RL = 100kΩ, CL = 4pF
11
12.5
MHz
SR
Slew Rate, VOUT 20% to 80%
G = -1, RL = 2kΩ, 10V Step
20
V/µs
THD+N
Total Harmonic Distortion + Noise
G = 1, f = 1kHz,
10VP-P, RL = 2kΩ
0.00025
%
G = 1, f = 1kHz,
10VP-P, RL = 600Ω
0.0003
%
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = 1, VOUT = 10VP-P, RL =2kΩ
to VCM
1.3
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = 1, VOUT = 10VP-P, RL =2kΩ
to VCM
1.6
µs
ISL28110, ISL28210


유사한 부품 번호 - ISL28110_1012

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
More results

유사한 설명 - ISL28110_1012

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110 Datasheet
803Kb / 19P
   Precision Low Noise JFET Operational Amplifiers
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com