전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29028 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL29028
상세설명  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29028 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL29028 Datasheet HTML 6Page - Intersil Corporation ISL29028 Datasheet HTML 7Page - Intersil Corporation ISL29028 Datasheet HTML 8Page - Intersil Corporation ISL29028 Datasheet HTML 9Page - Intersil Corporation ISL29028 Datasheet HTML 10Page - Intersil Corporation ISL29028 Datasheet HTML 11Page - Intersil Corporation ISL29028 Datasheet HTML 12Page - Intersil Corporation ISL29028 Datasheet HTML 13Page - Intersil Corporation ISL29028 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6780.1
March 2, 2010
Interrupt Function
The ISL29028 has an intelligent interrupt scheme
designed to shift some logic processing away from
intensive microcontroller I2C polling routines (which
consume power) and towards a more independent light
sensor which can instruct a system to “wake up” or “go
to sleep”.
An ALS interrupt event (ALS_FLAG) is governed by
Registers 5 through 7. The user writes a high and low
threshold value to these registers and the ISL29028 will
issue an ALS interrupt flag if the actual count stored in
Registers 0x9 and 0xA are outside the user’s programmed
window. The user must write 0 to clear the ALS_FLAG.
A proximity interrupt event (PROX_FLAG) is governed by
the high and low thresholds in registers 3 and 4
(PROX_LT and PROX_HT). PROX_FLAG is set when the
measured proximity data is more than the higher
threshold X-times-in-a-row (X is set by user; see next
paragraph). The proximity interrupt flag is cleared when
the prox data is lower than the low proximity threshold
X-times-in-a-row, or when the user writes “0” to
PROX_FLAG.
Interrupt persistency is another useful option available
for both ALS and proximity measurements. Persistency
requires X-in-a-row interrupt flags before the INT pin is
driven low. Both ALS and Prox have their own
independent interrupt persistency options. See
ALS_PRST and PROX_PRST bits in Register 2.
The final interrupt option is the ability to AND or OR the
two interrupt flags using Register 2 Bit 0 (INT_CTRL). If
the user wants both ALS/Prox interrupts to happen at the
same time before changing the state of the interrupt pin,
set this bit high. If the user wants the interrupt pin to
change state when either the ALS or the Proximity
interrupt flag goes high, leave this bit to its default of 0.
VDD Power-up and Power Supply
Considerations
Upon power-up, please ensure a VDD slew rate of
0.5V/ms or greater. After power-up, or if the user’s power
supply temporarily deviates from our specification (2.25V
to 3.63V), Intersil recommends the user write 0x00 to
three registers: 0x0E, 0x0F, and 0x01 (in that order),
wait ~1ms or more and then rewrite all registers to the
desired values. If the user prefers a hardware reset
method instead of writing to test registers: set VDD =0V
for 1 second or more, power back up at the required slew
rate, and write registers to the desired values.
Power-Down
To put the ISL29028 into a power-down state, the user
can set both PROX_EN and ALS_EN bits to 0 in Register 1.
Or more simply, set all of Register 1 to 0x00.
Calculating Lux
The ISL29028’s ADC output codes are directly proportional
to lux when in ALS mode (see ALSIR_MODE bit).
In Equation 2, Ecalc is the calculated lux reading and OUT
represents the ADC code. The constant α to plug in is
determined by the range bit ALS_RANGE (register 0x1
bit 1) and is independent of the light source type.
Table 15 shows two different scale factors: one for the
low range (ALS_RANGE = 0) and the other for the high
range (ALS_RANGE = 1).
Noise Rejection
Charge balancing ADC’s have excellent noise-rejection
characteristics for periodic noise sources whose
frequency is an integer multiple of the conversion rate.
For instance, a 60Hz AC unwanted signal’s sum from 0ms
to k*16.66ms (k = 1,2...ki) is zero. Similarly, setting the
device’s integration time to be an integer multiple of the
periodic noise signal greatly improves the light sensor
output signal in the presence of noise. Since wall sockets
may output at 60Hz or 50Hz, our integration time is
100ms: the lowest common integer number of cycles for
both frequencies.
Proximity Detection of Various Objects
Proximity sensing relies on the amount of IR reflected
back from objects. A perfectly black object would
absorb all light and reflect no photons. The ISL29028 is
sensitive enough to detect black ESD foam which
reflects only 1% of IR. For biological objects, blonde
hair reflects more than brown hair and customers may
notice that skin tissue is much more reflective than hair.
IR penetrates into the skin and is reflected or scattered
back from within. As a result, the proximity count peaks
at contact and monotonically decreases as skin moves
away. The reflective characteristics of skin are very
different from that of paper.
Typical Circuit
A typical application for the ISL29028 is shown in
Figure 5. The ISL29028’s I2C address is internally
hardwired as 0b100010<x>, with x representing the
logic state of input I2C address pin ADDR0. The device
can be tied onto a system’s I2C bus together with other
I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic
ODFN package does not require a custom reflow
soldering profile, and is qualified to +260°C. A standard
reflow soldering profile with a +260°C maximum is
recommended.
(http://www.intersil.com/data/tb/TB477.pdf)
Ecalc
α
RANGE
OUTADC
×
=
(EQ. 2)
TABLE 15. ALS SENSITIVITY AT DIFFERENT RANGES
ALS_RANGE
αRANGE
(Lux/Count)
0
0.0326
1
0.522
ISL29028


유사한 부품 번호 - ISL29028

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028 INTERSIL-ISL29028 Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
ISL29028A INTERSIL-ISL29028A Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

유사한 설명 - ISL29028

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com