전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6254-3G 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 TLE6254-3G
상세설명  Fault Tolerant Low Speed CAN-Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6254-3G 데이터시트(HTML) 4 Page - Infineon Technologies AG

  TLE6254-3G Datasheet HTML 1Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 2Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 3Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 4Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 5Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 6Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 7Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 8Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Data Sheet
4
Rev. 2.1, 2007-08-09
TLE6254-3G
Figure 1
Pin Configuration PG-DSO-14 (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1INH
Inhibit output; for controlling an external voltage regulator
2TxD
Transmit data input; integrated pull-up, LOW: bus
becomes dominant, HIGH: bus becomes recessive
3RxD
Receive data output; integrated pull-up, LOW: bus is
dominant, HIGH: bus is recessive
4NERR
Error flag output; integrated pull-up, LOW: bus error (in
normal operation mode), further functions see Table 2
5NSTB
Not stand-by input; digital control input to select operation
modes, see Figure 4
6ENT
Enable transfer input; digital control input to select
operation modes, see Figure 4
7WK
Wake-Up input; if level of
V
WAKE changes the device
indicates a wake-up from low power mode by switching the
RxD outputs LOW and switching the INH output HIGH (in
sleep mode), see Table 2
AEP03323N.VSD
7
6
5
4
3
2
1
INH
TxD
RxD
NERR
NSTB
ENT
WK
8
9
10
11
12
13
14
GND
CANL
CANH
RTL
RTH
VS
V
CC
TLE6254 -3G


유사한 부품 번호 - TLE6254-3G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
More results

유사한 설명 - TLE6254-3G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com