전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6258-2G 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 TLE6258-2G
상세설명  LIN Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6258-2G 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6258-2G Datasheet HTML 5Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 6Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 7Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 8Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 9Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 10Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 11Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 12Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLE6258-2G
Data Sheet
9
Rev. 2.1, 2007-08-08
Enable Not Input (pin ENN)
HIGH level input voltage
threshold
V
ENN,off
2.8
0.7
×
V
CC
V
low power mode
LOW level input voltage
threshold
V
ENN,on
0.3
×
V
CC
2.2
V
normal operation
mode
ENN input hysteresis
V
ENN,hys
300
600
900
mV
ENN pull-up resistance
R
ENN
15
30
60
k
Receiver Output RxD
HIGH level output current
I
RD,H
-1.2
-0.8
-0.5
mA
V
RD = 0.8 × VCC
LOW level output current
I
RD,L
0.5
0.8
1.2
mA
V
RD = 0.2 × VCC
Transmission Input TxD
HIGH level input voltage
threshold
V
TD,H
2.9
0.7
×
V
CC
V
recessive state
TxD input hysteresis
V
TD,hys
300
700
900
mV
LOW level input voltage
threshold
V
TD,L
0.3
×
V
CC
2.1
V
dominant state
TxD pull-up current
I
TD
-150
-110
-70
µA
V
TxD < 0.3 × VCC
Table 4
Electrical Characteristics (cont’d)
4.5 V <
V
CC < 5.5 V; 6.0 V < VS < 27 V; RL = 500 Ω; VENN < VENN,ON; -40 °C < Tj < 125
°C; all voltages with respect to ground; positive current flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Remark
Min.
Typ.
Max.


유사한 부품 번호 - TLE6258-2G

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6258-2 INFINEON-TLE6258-2 Datasheet
204Kb / 15P
   LIN Transceiver
Rev. 2.0, Jan. 2005
More results

유사한 설명 - TLE6258-2G

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
TLE7257 INFINEON-TLE7257 Datasheet
2Mb / 31P
   LIN Transceiver
Rev. 1.0, 2013-10-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com