전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28130FBZ 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL28130FBZ
상세설명  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28130FBZ 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL28130FBZ Datasheet HTML 4Page - Intersil Corporation ISL28130FBZ Datasheet HTML 5Page - Intersil Corporation ISL28130FBZ Datasheet HTML 6Page - Intersil Corporation ISL28130FBZ Datasheet HTML 7Page - Intersil Corporation ISL28130FBZ Datasheet HTML 8Page - Intersil Corporation ISL28130FBZ Datasheet HTML 9Page - Intersil Corporation ISL28130FBZ Datasheet HTML 10Page - Intersil Corporation ISL28130FBZ Datasheet HTML 11Page - Intersil Corporation ISL28130FBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL28130, ISL28230, ISL28430
8
FN7623.1
December 16, 2010
FIGURE 9. GAIN vs FREQUENCY vs RL, VS = ±0.8V
FIGURE 10. GAIN vs FREQUENCY vs RL, VS = ±2.5V
FIGURE 11. GAIN vs FREQUENCY vs FEEDBACK RESISTOR VALUES
Rf/Rg
FIGURE 12. GAIN vs FREQUENCY vs VOUT
FIGURE 13. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 14. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open, T = +25°C, unless otherwise
specified.
(Continued)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL = 10k
RL = 49.9k
RL = OPEN
RL = 1k
RL = 100k
VS = ±0.8V
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RL = 100k
RL = OPEN
RL = 1k
VS = ±2.5V
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
RL = 49.9k
RL = 10k
1
2
3
4
5
6
7
8
9
10
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
VS = ±2.5V
RL = 100k
AV = +2
VOUT = 10mVP-P
CL = 3.7pF
Rf = Rg = 100k
Rf = Rg = 10k
Rf = Rg = 1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
VOUT = 100mV
VOUT = 1V
VOUT = 500mV
VOUT = 250mV
VOUT = 10mV
VS = ±2.5V
RL = OPEN
AV = 1
CL = 3.7pF
-10
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 1
AV = 10
AV = 100
AV = 1000
V+ = 5V
VOUT = 10mVP-P
CL = 3.7pF
RL = 100k
Rg = 10k, Rf = 100k
Rg = 100, Rf = 100k
Rg = 1k, Rf = 100k
Rg = OPEN, Rf = 0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
RL = 100k
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
VS = ±0.8V
VS= ±1.5V
VS = ±0.7V
VS = ±2.75V


유사한 부품 번호 - ISL28130FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28130FEZ-T7 INTERSIL-ISL28130FEZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28130FEZ-T7 RENESAS-ISL28130FEZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130FEZ-T7A INTERSIL-ISL28130FEZ-T7A Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28130FEZ-T7A RENESAS-ISL28130FEZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130FHZ-T7 INTERSIL-ISL28130FHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
More results

유사한 설명 - ISL28130FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com