전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE7279-2 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 TLE7279-2
상세설명  Low Dropout Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7279-2 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7279-2 Datasheet HTML 2Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 3Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7279-2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TLE7279-2
General Product Characteristics
Data Sheet
6
Rev. 1.2, 2008-05-08
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Input I, Sense Input SI
4.1.1
Voltage
V
I, VSI
-0.3
45
V
Output Q, Reset Output RO, Sense Out SO
4.1.2
Voltage
V
Q, VRO,
V
SO
-0.3
5.5
V
permanent
4.1.3
Voltage
V
Q, VRO,
V
SO
-0.3
6.2
V
t < 10 s2)
2) exposure to these absolute maximum ratings for extended periods (
t > 10 s) may affect device reliability
Enable Input EN
4.1.4
Voltage
V
EN
-1
45
V
4.1.5
Current
I
EN
-1
1
mA
Reset Mode RM
4.1.6
Voltage
V
RM
-0.3
5.5
V
permanent
4.1.7
Voltage
V
RM
-0.3
6.2
V
t < 10 s2)
4.1.8
Current
I
RM
-5
5
mA
ESD Susceptibility
4.1.9
Human Body Model (HBM)3)
3) ESD HBM Test according to JEDEC JESD22-A114
Voltage
–3kV
4.1.10
Charge Device Model (CDM)4)
4) ESD CDM Test according AEC/ESDA ESD-STM5.3.1-1999
Voltage
1.5
kV
Temperatures
4.1.11
Junction temperature
T
j
-40
150
°C–
4.1.12
Storage temperature
T
stg
-50
150
°C–


유사한 부품 번호 - TLE7279-2

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7270 INFINEON-TLE7270 Datasheet
391Kb / 14P
   5-V Low Drop Voltage Regulator
Rev. 1.03, 2004-10-14
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7270-2D INFINEON-TLE7270-2D Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7270-2E INFINEON-TLE7270-2E Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
TLE7270-2G INFINEON-TLE7270-2G Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
More results

유사한 설명 - TLE7279-2

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com