전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23415WFUZ 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL23415WFUZ
상세설명  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23415WFUZ 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL23415WFUZ Datasheet HTML 3Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 4Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 5Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 6Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 7Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 8Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 9Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 10Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL23415
7
FN7780.0
December 15, 2010
Serial Interface Specification For SCK, SDI, SDO, CS Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
VIL
Input LOW Voltage
-0.3
0.3 x VLOGIC
V
VIH
Input HIGH Voltage
0.7 x VLOGIC
VLOGIC+ 0.3
V
Hysteresis
SDI and SCK Input Buffer Hysteresis
VLOGIC > 2V
0.05 x VLOGIC
V
VLOGIC < 2V
0.1 x VLOGIC
VOL
SDO Output Buffer LOW Voltage
IOL = 3mA, VLOGIC > 2V
0
0.4
V
IOL = 1.5mA, VLOGIC < 2V
0.2 x VLOGIC
V
Rpu
(Note 19)
SDO pull-up resistor off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cb = 30pF, fSCK =5MHz
1.5
k
Ω
Cpin
SCK, SDO, SDI, CS Pin Capacitance
10
pF
fSCK
SCK Frequency
VLOGIC = 1.7V to 5.5V
5
MHz
VLOGIC = 1.2V to 1.6V
1
MHz
tCYC
SPI clock cycle time
VLOGIC ≥ 1.7V
200
ns
tWH
SPI clock high time
VLOGIC ≥ 1.7V
100
ns
tWL
SPI clock low time
VLOGIC ≥ 1.7V
100
ns
tLEAD
Lead time
VLOGIC ≥ 1.7V
250
ns
tLAG
Lag time
VLOGIC ≥ 1.7V
250
ns
tSU
SDI, SCK and CS input setup time
VLOGIC ≥ 1.7V
50
ns
tH
SDI, SCK and CS input hold time
VLOGIC ≥ 1.7V
50
ns
tRI
SDI, SCK and CS input rise time
VLOGIC ≥ 1.7V
10
ns
tFI
SDI, SCK and CS input fall time
VLOGIC ≥ 1.7V
10
20
ns
tDIS
SDO output Disable time
VLOGIC ≥ 1.7V
0
100
ns
tSO
SDO output setup time
VLOGIC ≥ 1.7V
50
ns
tV
SDO output valid time
VLOGIC ≥ 1.7V
150
ns
tHO
SDO output hold time
VLOGIC ≥ 1.7V
0
ns
tRO
SDO output rise time
Rpu = 1.5k, Cbus = 30pF
60
ns
tFO
SDO output fall time
Rpu = 1.5k, Cbus = 30pF
60
ns
tCS
CS deselect time
2µs
NOTES:
8. Typical values are for TA = +25°C and 3.3V supply voltages.
9. LSB = [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the incremental
voltage when changing from one tap to an adjacent tap.
10. ZS error = V(RW)0/LSB.
11. FS error = [V(RW)255 – VCC]/LSB.
12. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
13. INL = [V(RW)i – i • LSB – V(RW)0]/LSB for i = 1 to 255
14.
for i = 16 to 255 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper voltage
and Min( ) is the minimum value of the wiper voltage over the temperature range.
15. MI =
|RW255 – RW0|/255. MI is a minimum increment. RW255 and RW0 are the measured resistances for the DCP register set to FF hex and 00
hex respectively.
16. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW255/MI, when measuring between RW and RH.
17. RDNL = (RWi – RWi-1)/MI -1, for i = 16 to 255.
18. RINL = [RWi – (MI • i) – RW0]/MI, for i = 16 to 255.
19.
for i = 16 to 255, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min( ) is the
minimum value of the resistance over the temperature range.
20. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
TCV
Max V RW
()i
() Min V RW
()i
()
VRWi +25°C
()
()
------------------------------------------------------------------------------
106
+165°C
---------------------
×
=
TCR
Max Ri
() Min Ri
()
[]
Ri +25°C
()
-------------------------------------------------------
10
6
+165°C
---------------------
×
=


유사한 부품 번호 - ISL23415WFUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23415WFUZ INTERSIL-ISL23415WFUZ Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415WFUZ INTERSIL-ISL23415WFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
logo
Renesas Technology Corp
ISL23415WFUZ RENESAS-ISL23415WFUZ Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

유사한 설명 - ISL23415WFUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com