전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21009BFB850Z 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL21009BFB850Z
상세설명  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BFB850Z 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL21009BFB850Z Datasheet HTML 7Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 8Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 9Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 10Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 11Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 12Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 13Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 14Page - Intersil Corporation ISL21009BFB850Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN6327.7
September 16, 2009
FIGURE 32. LINE REGULATION, 3 UNITS
FIGURE 33. LINE REGULATION OVER-TEMPERATURE
FIGURE 34. LOAD REGULATION
FIGURE 35. VOUT vs TEMPERATURE
FIGURE 36. PSRR AT DIFFERENT CAPACITIVE LOADS
FIGURE 37. LINE TRANSIENT RESPONSE, NO CAPACITIVE
LOAD
Typical Performance Curves (ISL21009-41) (R
EXT = 100kΩ) (Continued)
4.0958
4.0959
4.0959
4.0960
4.0960
4.0961
4.0961
4.0962
4.0962
4.0963
4.5
6.5
8.5
10.5
12.5
14.5
16.5
VIN (V)
UNIT 3
UNIT 2
UNIT 1
-200
-150
-100
-50
0
50
100
150
200
250
4.5
6.5
8.5
10.5
12.5
14.5
16.5
VIN (V)
+25°C
+125°C
-40°C
300
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
-7
-6
-5
-4
-3
-2
-1
0
SINKING
OUTPUT CURRENT (mA)
SOURCING
1
234
567
+25°C
+125°C
-40°C
TEMPERATURE (°C)
4.0945
4.0950
4.0955
4.0960
4.0965
4.0970
-40
-25
-10
5
20
35
50
65
80
95
110 125
UNIT 1
UNIT 2
UNIT 3
-80
-70
-60
-50
-40
-30
-20
-10
0
NO LOAD
100nF LOAD
10nF LOAD
1nF LOAD
-80
-70
-60
-50
-40
-30
-20
-10
0
NO LOAD
100nF LOAD
10nF LOAD
1nF LOAD
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN (DC) = 5V
VIN (AC) RIPPLE = 50mVP-P
X = 10µs/DIV
Y = 200mV/DIV
ISL21009


유사한 부품 번호 - ISL21009BFB850Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009BFB850Z RENESAS-ISL21009BFB850Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL21009BFB850Z-TK INTERSIL-ISL21009BFB850Z-TK Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
More results

유사한 설명 - ISL21009BFB850Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com