전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM1105 데이터시트(PDF) 4 Page - Ramtron International Corporation

부품명 FM1105
상세설명  Nonvolatile 5V Dual State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1105 데이터시트(HTML) 4 Page - Ramtron International Corporation

  FM1105 Datasheet HTML 1Page - Ramtron International Corporation FM1105 Datasheet HTML 2Page - Ramtron International Corporation FM1105 Datasheet HTML 3Page - Ramtron International Corporation FM1105 Datasheet HTML 4Page - Ramtron International Corporation FM1105 Datasheet HTML 5Page - Ramtron International Corporation FM1105 Datasheet HTML 6Page - Ramtron International Corporation FM1105 Datasheet HTML 7Page - Ramtron International Corporation FM1105 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FM1105 - Automotive Temp.
Rev. 3.0
Apr. 2009
Page 4 of 8
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage temperature
-55
°C to + 125°C
TLEAD
Lead temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
- Machine Model (JEDEC Std JESD22-A115-A)
4kV
1kV
200V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to +125° C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
4.5
5.0
5.5
V
ISB
Standby Current
@
+85
°C
@
+125
°C
-
-
15
20
µA
µA
1
CPD
Power Dissipation Capacitance
-
165
pF
2
ILI
Input Leakage Current
±1
µA
3
ILO
Output Leakage Current
±1
µA
3
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VOH
Output High Voltage
@
IOH = -1 mA
VDD – 0.5
-
V
VOL
Output Low Voltage
@
IOL = 1 mA (VDD=4.5V)
@
IOL = 10 mA (VDD=4.5V)
-
-
0.4
0.8
V
V
VHYS
Input Hysteresis (CLK, EN)
150
mV
4
Notes
1. CLK = VSS, all other inputs at VDD or VSS.
2. To calculate device power dissipation, PD = CPD*VDD2*fi + CL*VDD2*fo, where fi is the input clk freq, fo is the output freq,
and CL is the output load capacitance. Active current IDD may be calculated as IDD = CPD*VDD*fi, assuming outputs are
floating.
3. VIN or VOUT = VSS to VDD.
4. This parameter is characterized but not tested.
Capacitance (TA = 25° C , f=1.0 MHz, VDD = 5.0V)
Symbol
Parameter
Min
Max
Units
Notes
CI
Input Capacitance
-
8
pF
1
Notes
1.
This parameter is characterized but not tested.


유사한 부품 번호 - FM1105

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
More results

유사한 설명 - FM1105

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
   Dual Row Nano Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com