전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N0400P-ZK-E2-AY 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 N0400P-ZK-E2-AY
상세설명  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0400P-ZK-E2-AY 데이터시트(HTML) 4 Page - Renesas Technology Corp

  N0400P-ZK-E2-AY Datasheet HTML 1Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 2Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 3Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 4Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 5Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 6Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 7Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 8Page - Renesas Technology Corp N0400P-ZK-E2-AY Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D19676EJ1V0DS
2
N0400P
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−40 V, VGS = 0 V
−10
μA
Gate Leakage Current
IGSS
VGS = m20 V, VDS = 0 V
m10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1 mA
−0.5
−1.0
−1.5
V
Forward Transfer Admittance
Note
| yfs |
VDS =
−10 V, ID = −7.5 A
6.0
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS =
−4.5 V, ID = −7.5 A
31
40
m
Ω
RDS(on)2
VGS =
−2.5 V, ID = −7.5 A
40
73
m
Ω
Input Capacitance
Ciss
VDS =
−10 V,
1400
pF
Output Capacitance
Coss
VGS = 0 V,
200
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
155
pF
Turn-on Delay Time
td(on)
VDD =
−20 V, ID = −7.5 A,
11
ns
Rise Time
tr
VGS =
−4.5 V,
16
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
104
ns
Fall Time
tf
93
ns
Total Gate Charge
QG
VDD =
−32 V,
16
nC
Gate to Source Charge
QGS
VGS =
−4.5 V,
3
nC
Gate to Drain Charge
QGD
ID =
−15 A
7
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF =
−15 A, VGS = 0 V
0.94
1.5
V
Reverse Recovery Time
trr
IF =
−15 A, VGS = 0 V,
32
ns
Reverse Recovery Charge
Qrr
di/dt =
−100 A/
μs
33
nC
Note Pulsed: PW
≤ 350
μs, Duty Cycle ≤ 2%
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
L
VDD
VGS =
−12 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS(−)
10%
90%
VGS
10%
0
VDS(−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA


유사한 부품 번호 - N0400P-ZK-E2-AY

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
N0400P-ZK-E2-AY RENESAS-N0400P-ZK-E2-AY Datasheet
232Kb / 9P
   N0400P
N0400P-ZK-E2-AYNote RENESAS-N0400P-ZK-E2-AYNote Datasheet
232Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results

유사한 설명 - N0400P-ZK-E2-AY

제조업체부품명데이터시트상세설명
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com