전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC8DX-600 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BYC8DX-600
상세설명  Hyperfast power diode Isolated plastic package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC8DX-600 데이터시트(HTML) 5 Page - NXP Semiconductors

  BYC8DX-600 Datasheet HTML 1Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 2Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 3Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 4Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 5Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 6Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 7Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 8Page - NXP Semiconductors BYC8DX-600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BYC8DX-600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 December 2010
5 of 11
NXP Semiconductors
BYC8DX-600
Hyperfast power diode
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF =8A; Tj = 150 °C; see Figure 4
-
1.5
1.85
V
IF =8A; Tj =25°C
-
2
2.9
V
IR
reverse current
VR =500 V; Tj = 100 °C
-
1.1
3
mA
VR =600 V
-
9
40
µA
Dynamic characteristics
Qr
recovered charge
IF =1A; VR = 100 V; dIF/dt = 100 A/µs
-
13
-
nC
trr
reverse recovery time
IF =8A; VR = 400 V; dIF/dt = 500 A/µs;
Tj = 100 °C
-
3240ns
IF =1A; VR =30V; dIF/dt = 50 A/µs;
Tj =25°C
-
3052ns
IF =8A; VR = 400 V; dIF/dt = 500 A/µs;
Tj =25°C; see Figure 5
-20
-ns
IRM
peak reverse recovery
current
IF =10A; VR = 400 V; dIF/dt = 500 A/µs;
Tj = 100 °C
-9.5
12
A
IF =8A; VR = 400 V; dIF/dt = 50 A/µs;
Tj = 125 °C
-1.5
5.5
A
VFR
forward recovery
voltage
IF =10A; dIF/dt = 100 A/µs; Tj =25°C;
see Figure 6
-8
10
V
Fig 4.
Forward current as a function of forward
voltage
Fig 5.
Reverse recovery definitions; ramp recovery
003aac976
0
4
8
12
16
20
012
34
VF (V)
IF
(A)
(1)
(2)
(3)
003aac562
trr
time
100 %
25 %
IF
dlF
dt
IR
IRM
Qr


유사한 부품 번호 - BYC8DX-600

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
BYC8DX-600 WEEN-BYC8DX-600 Datasheet
361Kb / 11P
   Hyperfast power diode
logo
NXP Semiconductors
BYC8DX-600 PHILIPS-BYC8DX-600_15 Datasheet
274Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
More results

유사한 설명 - BYC8DX-600

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC8-600.127 NXP-BYC8-600.127 Datasheet
189Kb / 9P
   Hyperfast power diode in a SOD59 (2-lead TO-220AC) plastic package
23 May 2013
logo
Continental Device Indi...
TO-3P CDIL-TO-3P Datasheet
109Kb / 3P
   Fully Isolated Plastic Package
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com