전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4486 데이터시트(PDF) 2 Page - EIC discrete Semiconductors

부품명 1N4486
상세설명  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4486 데이터시트(HTML) 2 Page - EIC discrete Semiconductors

  1N4486 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4486 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal
Test
Maximum
Maximum Reverse
Maximum
Maximum
Zener
Current
Dynamic
Impedance
Current
Continuous
Surge
Voltage
Impedance
Current
Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IZSM
(V)
(mA)
(Ω)(Ω)
(mA)
(μA)
(V)
(mA)
(A)
1N6485
3.3
76.0
10
400
1.0
50
1.0
433
4.2
1N6486
3.6
69.0
10
400
1.0
50
1.0
397
3.9
1N6487
3.9
64.0
9
400
1.0
35
1.0
366
3.6
1N6488
4.3
58.0
9
400
1.0
5.0
1.0
332
3.3
1N6489
4.7
53.0
8
500
1.0
4.0
1.0
304
3.0
1N6490
5.1
49.0
7
500
1.0
1.0
1.0
280
2.7
1N6491
5.6
45.0
5
600
1.0
0.5
2.0
255
2.5
1N4460
6.2
40.0
4.0
200
1.0
10
3.72
230
2.3
1N4461
6.8
37.0
2.5
200
1.0
5.0
4.08
210
2.1
1N4462
7.5
34.0
2.5
400
0.5
1.0
4.50
191
1.9
1N4463
8.2
31.0
3.0
400
0.5
0.5
4.92
174
1.7
1N4464
9.1
28.0
4.0
500
0.5
0.3
5.46
157
1.6
1N4465
10
25.0
5.0
500
0.25
0.3
8.00
143
1.4
1N4466
11
23.0
6.0
550
0.25
0.3
8.80
130
1.3
1N4467
12
21.0
7.0
550
0.25
0.2
9.60
119
1.2
1N4468
13
19.0
8.0
550
0.25
0.05
10.4
110
1.1
1N4469
15
17.0
9.0
600
0.25
0.05
12.0
95
0.95
1N4470
16
15.5
10
600
0.25
0.05
12.8
90
0.90
1N4471
18
14.0
11
650
0.25
0.05
14.4
79
0.79
1N4472
20
12.5
12
650
0.25
0.05
16.0
71
0.71
1N4473
22
11.5
14
650
0.25
0.05
17.6
65
0.65
1N4474
24
10.5
16
700
0.25
0.05
19.2
60
0.60
1N4475
27
9.5
18
700
0.25
0.05
21.6
53
0.53
1N4476
30
8.5
20
750
0.25
0.05
24.0
48
0.48
1N4477
33
7.5
25
800
0.25
0.05
26.4
43
0.43
1N4478
36
7.0
27
850
0.25
0.05
28.8
40
0.40
1N4479
39
6.5
80
900
0.25
0.05
31.2
37
0.37
1N4480
43
6.0
40
950
0.25
0.05
34.4
33
0.33
1N4481
47
5.5
50
1000
0.25
0.05
37.6
30
0.30
1N4482
51
5.0
60
1100
0.25
0.05
40.8
28
0.28
1N4483
56
4.5
70
1300
0.25
0.25
44.8
26
0.26
1N4484
62
4.0
80
1500
0.25
0.25
49.6
23
0.23
1N4485
68
3.7
100
1700
0.25
0.25
54.4
21
0.21
1N4486
75
3.3
130
2000
0.25
0.25
60.4
19
0.19
1N4487
82
3.0
160
2500
0.25
0.25
65.6
17
0.17
1N4488
91
2.8
200
3000
0.25
0.25
72.8
16
0.16
1N4489
100
2.5
250
3100
0.25
0.25
80.0
14
0.14
1N4490
110
2.0
300
4000
0.25
0.25
88.0
13
0.13
1N4491
120
2.0
400
4500
0.25
0.25
96.0
12
0.12
1N4492
130
1.9
500
5000
0.25
0.25
104.0
11
0.11
1N4493
150
1.7
700
6000
0.25
0.25
120.0
9.5
0.095
1N4494
160
1.6
1000
6500
0.25
0.25
128.0
8.9
0.089
1N4495
180
1.4
1300
7000
0.25
0.25
144.0
7.9
0.079
1N4496
200
1.2
1500
8000
0.25
0.25
160.0
7.2
0.072
Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 5%.
Page 2 of 2
Rev. 03 : November 2, 2006
TYPE NO.
Maximum Zener
Certificate TH97/10561QM
Certificate TW00/17276EM


유사한 부품 번호 - 1N4486

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4486 MICROSEMI-1N4486 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4486 SENSITRON-1N4486 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Central Semiconductor C...
1N4486 CENTRAL-1N4486 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4486 SEMTECH-1N4486 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
Sensitron
1N4486 SENSITRON-1N4486 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results

유사한 설명 - 1N4486

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com