전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA18273HN 데이터시트(Datasheet) 1 Page - NXP Semiconductors

부품명 TDA18273HN
상세내용  Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 1 page
background image
1.
General description
The TDA18273HN is a high performance Silicon Tuner designed for terrestrial and cable
TV reception for both analog and digital signals.
The TDA18273HN supports all analog and digital TV standards and delivers a LOW IF
(LIF) signal to a demodulator for analog TV and/or a channel demodulator for digital TV.
2.
Features and benefits
Fully integrated IF selectivity; eliminating the need for external SAW filters
Worldwide multistandard terrestrial and cable
Fully integrated oscillators
Alignment free
Single 3.3 V supply voltage
Power level detector
Integrated wideband gain control
Crystal oscillator output buffer (16 MHz) for single crystal applications
I2C-bus interface compatible with 3.3 V microcontrollers
Self AGC synchronization mode (VSYNC)
Very fast tuning time
LIF channel center frequency output ranging from 3 MHz to 5 MHz
1.7 MHz, 6 MHz, 7 MHz, 8 MHz and 10 MHz channel bandwidths
Ready for DVB-T2 and DVB-C2
RoHS compliant
Strong immunity to spurious and field interferences
TDA18273HN
Hybrid (analog and digital) Silicon Tuner for terrestrial and
cable TV reception
Rev. 2 — 15 December 2010
Preliminary data sheet




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl