전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

TDA18273C1 데이터시트(Datasheet) 4 Page - NXP Semiconductors

부품명 TDA18273C1
상세내용  Hybrid (analog and digital) Silicon Tuner for terrestrial and cable TV reception
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 4 page
background image
TDA18273HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 2 — 15 December 2010
4 of 8
NXP Semiconductors
TDA18273HN
Hybrid Silicon Tuner for terrestrial and cable TV reception
6.
Limiting values
[1]
The maximum allowed ambient temperature Tamb(max) depends on the assembly conditions of the package and especially on the design
of the Printed-Circuit Board (PCB) and die connection. The application mounting must be done in such a way that the maximum junction
temperature is never exceeded. The junction temperature: Tj = Tamb + Tj-c. where Tj-c = power  Rth.
[2]
Class III: 500 V to 1000 V.
7.
Abbreviations
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.3
+3.6
V
VI
input voltage
VCC <3.3 V
0.3
VCC +0.3 V
VCC >3.3 V
0.3
+3.6
V
Tstg
storage temperature
40
+150
C
Tj
junction temperature
-
125
C
Tamb
ambient temperature
20
[1]
C
VESD
electrostatic discharge voltage
EIA/JESD22-A114 (HBM)
2+2
kV
EIA/JESD22-C101-C (FCDM) class III[2]
750
-
V
Table 4.
Abbreviations
Acronym
Description
AGC
Automatic Gain Control
AGCK
Automatic Gain Control step Killer
CB
Citizen Band
DVB
Digital Video Broadcasting
DVB-T/T2/C/C2/H
DVB-Terrestrial/Terrestrial second generation/Cable/Handheld
FCDM
Field-induced Charged-Device Model
FRAC-N
Fractional-N
HBM
Human Body Model
IF
Intermediate Frequency
IR
Image Rejection
LNA
Low-Noise Amplifier
LO
Local Oscillator
PCB
Printed Circuit Board
PLD
Power Level Detector
RF
Radio Frequency
RoHS
Restriction of Hazardous Substances
SAW
Surface Acoustic Wave
UHF
Ultra High Frequency
VHF
Very High Frequency
VSYNC
Vertical SYNChronization
Xtal
Crystal




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl