전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1135 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LA1135
상세설명  AM Tuner System for Car Radios and Home Stereos
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1135 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LA1135 Datasheet HTML 4Page - Sanyo Semicon Device LA1135 Datasheet HTML 5Page - Sanyo Semicon Device LA1135 Datasheet HTML 6Page - Sanyo Semicon Device LA1135 Datasheet HTML 7Page - Sanyo Semicon Device LA1135 Datasheet HTML 8Page - Sanyo Semicon Device LA1135 Datasheet HTML 9Page - Sanyo Semicon Device LA1135 Datasheet HTML 10Page - Sanyo Semicon Device LA1135 Datasheet HTML 11Page - Sanyo Semicon Device LA1135 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Continued from preceding page.
Unit (resistance:
Ω, capacitance: F)
Specification for coil
YT-30202(Mitsumi)
1-3
84T
4-6
17T
13. The variations (especially in case of small coupling coefficient) in the oscilation coil may cause a parasitic oscillation of
approximately 100 MHz to occur at the local oscillation buffer output (pin 20) at low temperatures. In this case, connect a
capacitor of 30 pF or greater across pin 20 and GND. (When the oscillation coil is used with no tap, no problem arises.)
14. The recommended double-tuning circuit has a loose coupling at 2T. Therefore, the change in the total number of turns may
affect the coupling coefficient subtly, causing a tight coupling and making the selectivity characteristic double-humped.
Especially for a receiving band of 1400 kHz or more, the tracking method may affect the band characteristic of sensitivity
and the cross modulation characteristic considerably. When making a design, check to see if critical coupling occurs or not.
15. Sensitivity difference at 600 kHz or less
In the application circuit configuration shown below, the bypass capacitor in the position where the tuning voltage is applied
and coupling L for double-tuning may cause an antiresonance point of 400 kHz to 600 kHz depending on the variations in
the coil, varactor diode, etc. The value of the bypass must be 0.047 µF or greater. The recommended value is 0.1 µF.
Wide-band AGC OFF
Tracking at
each point
Usable sensitivity S/N 20 dB
Maximum sensitivity at –25 dB output
Receiving frequency, fr – kHz
2157-2239-649 (Sumida)
7BRS-9286A (Toko)
Unit (resistance:
Ω, capacitance: F)
LA1135, 1135M
No. 1272-8/18


유사한 부품 번호 - LA1135

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1136 SANYO-LA1136 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136NM SANYO-LA1136NM Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1137 SANYO-LA1137 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
More results

유사한 설명 - LA1135

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com