전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7304QPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7304QPBF
상세설명  HEXFET POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7304QPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7304QPBF_10 Datasheet HTML 1Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 2Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 3Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 4Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 5Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 6Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 7Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 8Page - International Rectifier IRF7304QPBF_10 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7304QPbF
www.irf.com
2
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.012 –––
V/°C Reference to 25°C, ID = -1mA
––– ––– 0.090
VGS = -4.5V, ID = -2.2A ƒ
––– ––– 0.140
VGS = -2.7V, ID = -1.8A ƒ
VGS(th)
Gate Threshold Voltage
-0.70 ––– –––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
4.0 ––– –––
S
VDS = -16V, ID = -2.2A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– ––– -25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
––– –––
22
ID = -2.2A
Qgs
Gate-to-Source Charge
––– ––– 3.3
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
––– ––– 9.0
VGS = -4.5V, See Fig. 6 and 12 ƒ
td(on)
Turn-On Delay Time
––– 8.4 –––
VDD = -10V
tr
Rise Time
–––
26
–––
ID = -2.2A
td(off)
Turn-Off Delay Time
–––
51
–––
RG = 6.0Ω
tf
Fall Time
–––
33
–––
RD = 4.5Ω, See Fig. 10 ƒ
Between lead tip
and center of die contact
Ciss
Input Capacitance
––– 610 –––
VGS = 0V
Coss
Output Capacitance
––– 310 –––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
––– 170 –––
ƒ = 1.0MHz, See Fig. 5
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.0
V
TJ = 25°C, IS = -1.8A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
56
84
ns
TJ = 25°C, IF = -2.2A
Qrr
Reverse RecoveryCharge
–––
71
110
nC
di/dt = 100A/µs ƒ
ton
Forward Turn-On Time
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -2.2A, di/dt ≤− 50A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
––– –––
-17
––– ––– -2.5
A
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
––– 6.0
–––
LD
Internal Drain Inductance
––– 4.0
–––
nH
ns
nA
µA
RDS(ON)
Static Drain-to-Source On-Resistance
S
D
G
S
D
G


유사한 부품 번호 - IRF7304QPBF_10

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7304QPBF IRF-IRF7304QPBF Datasheet
252Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF7304QPBF_10

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com