전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7343QPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRF7343QPBF
상세설명  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7343QPBF 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRF7343QPBF Datasheet HTML 2Page - International Rectifier IRF7343QPBF Datasheet HTML 3Page - International Rectifier IRF7343QPBF Datasheet HTML 4Page - International Rectifier IRF7343QPBF Datasheet HTML 5Page - International Rectifier IRF7343QPBF Datasheet HTML 6Page - International Rectifier IRF7343QPBF Datasheet HTML 7Page - International Rectifier IRF7343QPBF Datasheet HTML 8Page - International Rectifier IRF7343QPBF Datasheet HTML 9Page - International Rectifier IRF7343QPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF7343QPbF
www.irf.com
7
Fig 16. Normalized On-Resistance
Vs.Temperature
Fig 19. Maximum Avalanche Energy
Vs. Drain Current
Fig 17. Typical On-Resistance Vs. Drain
Current
Fig 18. Typical On-Resistance Vs. Gate
Voltage
P-Channel
0
2
4
6
8
10
12
0.080
0.120
0.160
0.200
0.240
-I , Drain Current (A)
D
VGS = -4.5V
VGS = -10V
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-3.4 A
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-1.5A
-2.7A
-3.4A
0.05
0.15
0.25
0.35
0.45
25
8
11
14
A
GS
-V
, Gate-to-Source Voltage (V)
I
= -3.4 A
D


유사한 부품 번호 - IRF7343QPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7343QPBF IRF-IRF7343QPBF Datasheet
238Kb / 10P
   HEXFET Power MOSFET
IRF7343QPBF IRF-IRF7343QPBF Datasheet
226Kb / 10P
   Advanced Process Technology
IRF7343QPBF IRF-IRF7343QPBF_15 Datasheet
226Kb / 10P
   Advanced Process Technology
More results

유사한 설명 - IRF7343QPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com