전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4232PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP4232PBF
상세설명  Advanced process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4232PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFP4232PBF_07 Datasheet HTML 1Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 2Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 3Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 4Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 5Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 6Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 7Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP4232PbF
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
250
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
180
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
30
35.7
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-15
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
5.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
95
–––
–––
S
Qg
Total Gate Charge
–––
160
240
nC
Qgd
Gate-to-Drain Charge
–––
60
–––
td(on)
Turn-On Delay Time
–––
37
–––
tr
Rise Time
–––
100
–––
ns
td(off)
Turn-Off Delay Time
–––
64
–––
tf
Fall Time
–––
63
–––
tst
Shoot Through Blocking Time
100
–––
–––
ns
EPULSE
Energy per Pulse
µJ
Ciss
Input Capacitance
–––
7290
–––
Coss
Output Capacitance
–––
610
–––
pF
Crss
Reverse Transfer Capacitance
–––
240
–––
Coss eff.
Effective Output Capacitance
–––
420
–––
LD
Internal Drain Inductance
–––
5.0
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
13
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energyd
mJ
EAR
Repetitive Avalanche Energy
™
mJ
VDS(Avalanche)
Repetitive Avalanche VoltageÙ
V
IAS
Avalanche Current
Ãd
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
–––
–––
60
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
240
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
240
360
ns
Qrr
Reverse Recovery Charge
–––
1230 1850
nC
–––
310
–––
–––
950
–––
43
42
–––
–––
300
–––
Typ.
Max.
ƒ = 1.0MHz,
See Fig.5
–––
220
TJ = 25°C, IF = 42A, VDD = 50V
di/dt = 100A/µs e
TJ = 25°C, IS = 42A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 42A e
VDS = VGS, ID = 250µA
VDS = 200V, VGS = 0V
VGS = 0V, VDS = 0V to 200V
VDS = 200V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 0V
L = 220nH, C= 0.4µF, VGS = 15V
MOSFET symbol
VDS = 25V, ID = 42A
VDD = 125V, ID = 42A, VGS = 10Ve
Conditions
and center of die contact
VDD = 200V, VGS = 15V, RG= 4.7Ω
VDS = 200V, RG= 4.7Ω, TJ = 25°C
L = 220nH, C= 0.4µF, VGS = 15V
VDS = 200V, RG= 4.7Ω, TJ = 100°C
VDS = 25V
VDD = 125V, VGS = 10VÃe
ID = 42A
RG = 5.0Ω
See Fig. 22


유사한 부품 번호 - IRFP4232PBF_07

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4232PBF IRF-IRFP4232PBF Datasheet
293Kb / 8P
   PDP MOSFET
More results

유사한 설명 - IRFP4232PBF_07

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com