전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4232PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP4232PBF
상세설명  Advanced process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4232PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP4232PBF_07 Datasheet HTML 1Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 2Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 3Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 4Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 5Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 6Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 7Page - International Rectifier IRFP4232PBF_07 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
09/14/07
IRFP4232PbF
Notes
 through … are on page 8
Description
This HEXFET® Power MOSFET is specifically designed for Sustain; Energy Recovery & Pass switch
applications in Plasma Display Panels. This MOSFET utilizes the latest processing techniques to achieve
low on-resistance per silicon area and low EPULSE rating. Additional features of this MOSFET are 175°C
operating junction temperature and high repetitive peak current capability. These features combine to
make this MOSFET a highly efficient, robust and reliable device for PDP driving applications.
Features
l
Advanced process technology
l
Key parameters optimized for PDP Sustain &
Energy Recovery applications
l
Low EPULSE rating to reduce the power
dissipation in Sustain & ER applications
l
Low QG for fast response
l
High repetitive peak current capability for
reliable operation
l
Short fall & rise times for fast switching
l
175°C operating junction temperature for
improved ruggedness
l
Repetitive avalanche capability for robustness
and reliability
S
D
G
PDP MOSFET
TO-247AC
Absolute Maximum Ratings
Parameter
Units
VGS
Gate-to-Source Voltage
V
VGS (TRANSIENT)
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current c
IRP @ TC = 100°C
Repetitive Peak Current g
PD @TC = 25°C
Power Dissipation
W
PD @TC = 100°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature for 10 seconds
Mounting Torque, 6-32 or M3 Screw
N
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case f
–––
0.35
°C/W
Max.
42
240
±30
60
±20
117
300
-40 to + 175
10lbxin (1.1Nxm)
430
210
2.9
VDS min
250
V
VDS (Avalanche) typ.
300
V
RDS(ON) typ. @ 10V
30
m
:
EPULSE typ.
310
µJ
IRP max @ TC= 100°C
117
A
TJ max
175
°C
Key Parameters
PD - 96965A


유사한 부품 번호 - IRFP4232PBF_07

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP4232PBF IRF-IRFP4232PBF Datasheet
293Kb / 8P
   PDP MOSFET
More results

유사한 설명 - IRFP4232PBF_07

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com