전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML5203GPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLML5203GPBF
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML5203GPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLML5203GPBF Datasheet HTML 1Page - International Rectifier IRLML5203GPBF Datasheet HTML 2Page - International Rectifier IRLML5203GPBF Datasheet HTML 3Page - International Rectifier IRLML5203GPBF Datasheet HTML 4Page - International Rectifier IRLML5203GPBF Datasheet HTML 5Page - International Rectifier IRLML5203GPBF Datasheet HTML 6Page - International Rectifier IRLML5203GPBF Datasheet HTML 7Page - International Rectifier IRLML5203GPBF Datasheet HTML 8Page - International Rectifier IRLML5203GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLML5203GPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -1.3A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
17
26
ns
TJ = 25°C, IF = -1.3A
Qrr
Reverse Recovery Charge
–––
12
18
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-24
–––
–––
–––
-1.3
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 5sec.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.019 –––
V/°C Reference to 25°C, ID = -1mA
–––
–––
98
VGS = -10V, ID = -3.0A
‚
–––
–––
165
VGS = -4.5V, ID = -2.6A
‚
VGS(th)
Gate Threshold Voltage
-1.0 ––– -2.5
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
3.1
––– –––
S
VDS = -10V, ID = -3.0A
–––
––– -1.0
VDS = -24V, VGS = 0V
–––
––– -5.0
VDS = -24V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
––– -100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
––– 100
VGS = 20V
Qg
Total Gate Charge
–––
9.5
14
ID = -3.0A
Qgs
Gate-to-Source Charge
–––
2.3
3.5
nC
VDS = -24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.6
2.4
VGS = -10V
‚
td(on)
Turn-On Delay Time
–––
12
–––
VDD = -15V
‚
tr
Rise Time
–––
18
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
88
–––
RG = 6.0Ω
tf
Fall Time
–––
52
–––
VGS = -10V
Ciss
Input Capacitance
–––
510 –––
VGS = 0V
Coss
Output Capacitance
–––
71
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
43
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns


유사한 부품 번호 - IRLML5203GPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML5203GPBF IRF-IRLML5203GPBF Datasheet
199Kb / 9P
   Ultra Low On-Resistance
More results

유사한 설명 - IRLML5203GPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com