전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148D2A 데이터시트(PDF) 2 Page - Seme LAB

부품명 1N4148D2A
상세설명  SILICON EPITAXIAL PLANAR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4148D2A 데이터시트(HTML) 2 Page - Seme LAB

  1N4148D2A Datasheet HTML 1Page - Seme LAB 1N4148D2A Datasheet HTML 2Page - Seme LAB 1N4148D2A Datasheet HTML 3Page - Seme LAB 1N4148D2A Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON EPITAXIAL
PLANAR DIODE
1N4148D2A / 1N4148D2B
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8271
Issue 2
Page 2 of 4
THERMAL PROPERTIES
Symbol
Parameter
Min
Typ
Max
Units
RθJA
Thermal Resistance Junction to Ambient
325
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
IF = 10mA
0.8
IF = 100mA
1.2
IF = 10mA
(3)
TA = 150°C
0.8
VF
Forward Voltage
IF = 100mA
(3)
TA = -55°C
1.3
V
VR = 20V
25
VR = 75V
500
nA
VR = 20V
35
IR
Reverse Current
VR = 75V
TA = 150°C
75
µA
DYNAMIC CHARACTERISTICS
VR = 0V
4.7
C
Capacitance
VR = 1.5V
f = 1.0MHz
4.7
pF
IF = IR = 10mA
RL = 100
trr
Reverse Recovery Time
IREC = 1.0mA
5
ns
Notes
Notes
Notes
Notes
(3)
Pulse Width ≤ 300us, δ ≤ 2%


유사한 부품 번호 - 1N4148D2A

제조업체부품명데이터시트상세설명
logo
TT Electronics.
1N4148D2A TTELEC-1N4148D2A Datasheet
207Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

유사한 설명 - 1N4148D2A

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com