전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-BT2416C1H 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 GS-BT2416C1H
상세설명  Bluetooth짰 class 1 module with embedded HCI FW
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C1H 데이터시트(HTML) 5 Page - STMicroelectronics

  GS-BT2416C1H Datasheet HTML 1Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 2Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 3Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 4Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 5Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 6Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 7Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 8Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
GS-BT2416C1.H
Electrical characteristics
5/19
3
Electrical characteristics
3.1
DC I/O specification
4
Bluetooth® section
Table 3.
DC input / output specification
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
Vil
Low level input voltage
3.13 V < VDD < 3.47 V
0.8
V
Vih
High level input voltage
3.13 V < VDD < 3.47 V
2
V
Vhyst
Schmitt trigger hysteresis
3.13 V < VDD < 3.47 V
0.4
V
Vol
Low level output voltage
Io load = pin drive
capability
0.15
V
Voh
High level output voltage
Io load = pin drive
capability
VDD-
0.15
V
Table 4.
Bluetooth® section
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
CHs
Channel space
1
MHz
Hop
Hopping
1600
Hops/
sec
13M CK
System clock
13
MHZ
System clock stability
- 20 °C to 70 °C
- 20
20
ppm
LP CK
Low power clock
32
kHz
Low power clock accuracy
- 200
200
ppm
Tra
Transmission rate
asynchronous
721
Kbits/
sec
Trs
Transmission rate
synchronous
432
Kbits/
sec
Iop
Operation current TX mode
180
mA
Operation RX mode
60
mA


유사한 부품 번호 - GS-BT2416C1H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.A STMICROELECTRONICS-GS-BT2416C1.A Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
GS-BT2416C1AT1 STMICROELECTRONICS-GS-BT2416C1AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
More results

유사한 설명 - GS-BT2416C1H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
   Bluetooth짰 HCI Module
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
   Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
GS-BT2416C2_0709 STMICROELECTRONICS-GS-BT2416C2_0709 Datasheet
804Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C2.AT1 STMICROELECTRONICS-GS-BT2416C2.AT1 Datasheet
851Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com