전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD39015XX25 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 LD39015XX25
상세설명  150 mA low quiescent current low noise voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XX25 데이터시트(HTML) 4 Page - STMicroelectronics

  LD39015XX25 Datasheet HTML 1Page - STMicroelectronics LD39015XX25 Datasheet HTML 2Page - STMicroelectronics LD39015XX25 Datasheet HTML 3Page - STMicroelectronics LD39015XX25 Datasheet HTML 4Page - STMicroelectronics LD39015XX25 Datasheet HTML 5Page - STMicroelectronics LD39015XX25 Datasheet HTML 6Page - STMicroelectronics LD39015XX25 Datasheet HTML 7Page - STMicroelectronics LD39015XX25 Datasheet HTML 8Page - STMicroelectronics LD39015XX25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
LD39015xx
4/16
2
Pin configuration
Figure 2.
Pin connection (top view)
SOT23-5L
SOT666
Table 2.
Pin description
Pin n°
Symbol
Function
SOT666
SOT23-5L
1
3
EN
Enable pin logic input: Low=shutdown, High=active
2
2
GND
Common ground.
3
1
IN
Input voltage of the LDO
4
5
OUT
Output voltage
5
4
NC
Not connected
6
NC
Not connected


유사한 부품 번호 - LD39015XX25

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015XX10 STMICROELECTRONICS-LD39015XX10 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015XX12 STMICROELECTRONICS-LD39015XX12 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015XX33 STMICROELECTRONICS-LD39015XX33 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
More results

유사한 설명 - LD39015XX25

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com