전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LA4485 데이터시트(HTML) 8 Page - Sanyo Semicon Device

부품명 LA4485
상세내용  5 W, Two-channel Power Amplifier with Very Few External Parts
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SANYO [Sanyo Semicon Device]
홈페이지  http://www.ssdc-jp.com/eng/
Logo 

LA4485 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Zoom Inzoom in Zoom Outzoom out
/ 20 page
 8 / 20 page
background image
VCC = 13.2 V, standby supply +5 V,
RL =4 Ω,Rg= 0
Main switch ON/OFF test
VCC = 13.2 V, standby supply +5 V,
RL =4 Ω,Rg=0
Standby switch ON/OFF text
Output
DC trace
Speaker
terminal
Output
DC trace
Speaker
terminal
VCC = 13.2 V,
RL =4 Ω,
Rg = 0,
Mute ON/OFF
→ Switching noise decreases as C
IN = 0.22 µF (Input) is increased. (ex. 2.2 µF)
VCC = 13.2 V,
RL =4 Ω,
Rg = 600
Ω,
THD = 10%,
f = 1 kHz,
Output DC waveform
LA4485
No.3680-8/20


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn