전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4500 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA4500
상세설명  5.3W 2-Channel AF Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4500 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA4500 Datasheet HTML 1Page - Sanyo Semicon Device LA4500 Datasheet HTML 2Page - Sanyo Semicon Device LA4500 Datasheet HTML 3Page - Sanyo Semicon Device LA4500 Datasheet HTML 4Page - Sanyo Semicon Device LA4500 Datasheet HTML 5Page - Sanyo Semicon Device LA4500 Datasheet HTML 6Page - Sanyo Semicon Device LA4500 Datasheet HTML 7Page - Sanyo Semicon Device LA4500 Datasheet HTML 8Page - Sanyo Semicon Device LA4500 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Monolithic Linear IC
5.3W 2-Channel AF Power Amplifier
Ordering number:ENN1164C
LA4500
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
21500TN (KT)/N2996RM/9036KI/8064KI No.1164–1/12
Package Dimensions
unit:mm
3037A-DIP20H
[LA4500]
SANYO : DIP20H
Features
• Low idling current (20mA/2 channels) enabling prolonged
battery life.
• Less dependence of idling current on VCC.
• High power (5.3W typ.
×2).
• High ripple rejection (60dB at steady state).
Since filters are arranged in 3 stages (including 1 stage
inside the IC) to attain satisfactory ripple rejection at tran-
sient state, ripple occuring at the time of motor start can
be prevented from mixing in.
• Low pop noise at the time of power supply ON/OFF and
good starting balance between both channels (0.6s.) due
to built-in pop noise limiter.
• Pins provided for compensating high frequency responce.
• Low residual noise (0.4mV).
• Wide supply voltage range (6 to 24V) fascilitating design
of transformer power supply.
• Built-in thermal shutdown circuit,
• Designed so that inverse insertion or short between adja-
cent pins causes no destruction.
• Channel-to channel mirror image pin assignment and pro-
vision of Pre GND, Power GND pins enabling stable op-
eration and fascilitating artwork of printed circuit board.
• Minimum number of external parts required (9pcs. min.,
12pcs. typ.).
• Audio muting capability (for automatic music selection,
electronic tuner).
Specifications
Absolute Maximum Ratings at Ta = 25˚C
1
10
20
11
0.6
27.0
20.0
R1.7
2.07
2.54
1.3
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
m
u
m
i
x
a
MV C
C
x
a
m
4
2V
t
n
e
r
r
u
c
t
u
p
t
u
o
m
u
m
i
x
a
M
IO
k
a
e
p
l
e
n
n
a
h
c
1
5
.
2A
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
Pk
n
i
s
t
a
e
h
e
t
i
n
i
f
n
i
h
t
i
W
5
1W
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
7
+
o
t
0
2
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
4


유사한 부품 번호 - LA4500

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4507 SANYO-LA4507 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4508 SANYO-LA4508 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
More results

유사한 설명 - LA4500

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
   2-Channel BTL AF Power Amplifier
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
   5.5W 2-Channel AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
logo
Sanyo Semicon Device
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
   2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK426-530 SANYO-STK426-530 Datasheet
203Kb / 4P
   2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7149N PANASONIC-AN7149N Datasheet
46Kb / 3P
   Dual 5.3W Audio Power Amplifier Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com