전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3250X 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N3250X
상세설명  Bipolar PNP Device in a Hermetically sealed TO18
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3250X 데이터시트(HTML) 1 Page - Seme LAB

  2N3250X Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3250X
Bipolar PNP Device.
V
CEO =
40V
I
C = 0.2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
0.2
A
h
FE
@ 10/0.1 (V
CE / IC)
50
-
f
t
250M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


유사한 부품 번호 - 2N3250X

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N3250XCSM SEME-LAB-2N3250XCSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
More results

유사한 설명 - 2N3250X

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2412X SEME-LAB-2N2412X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3250A SEME-LAB-2N3250A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BC477B SEME-LAB-BC477B Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3962 SEME-LAB-2N3962 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3251 SEME-LAB-2N3251 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BSX36 SEME-LAB-BSX36 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BC478A SEME-LAB-BC478A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N2411X SEME-LAB-2N2411X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3965 SEME-LAB-2N3965 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N869A SEME-LAB-2N869A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com