전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3740 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N3740
상세설명  Bipolar PNP Device in a Hermetically sealed TO66
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3740 데이터시트(HTML) 1 Page - Seme LAB

  2N3740 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3740
Bipolar PNP Device.
V
CEO =
60V
I
C = 4A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
4
A
h
FE
@ 1/0.25 (V
CE / IC)
30
100
-
f
t
4M
Hz
P
D
25
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar PNP Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


유사한 부품 번호 - 2N3740

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
logo
Central Semiconductor C...
2N3740 CENTRAL-2N3740 Datasheet
430Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3740 BOCA-2N3740 Datasheet
125Kb / 3P
   MEDIUM-POWER PNP TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3740 NJSEMI-2N3740 Datasheet
90Kb / 1P
   SI PNP POWER BJT
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
More results

유사한 설명 - 2N3740

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N6297 SEME-LAB-2N6297 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5609 SEME-LAB-2N5609 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N6312 SEME-LAB-2N6312 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5954 SEME-LAB-2N5954 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5956 SEME-LAB-2N5956 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N3740R SEME-LAB-2N3740R Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5344 SEME-LAB-2N5344 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N5611A SEME-LAB-2N5611A Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N6049E SEME-LAB-2N6049E Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
2N6314 SEME-LAB-2N6314 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com