전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3789XSMD 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N3789XSMD
상세설명  Bipolar PNP Device in a Hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3789XSMD 데이터시트(HTML) 1 Page - Seme LAB

  2N3789XSMD Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.60 (0.142)
Max.
3.70 (0.146)
3.41 (0.134)
3.70 (0.146)
3.41 (0.134)
0.89
(0.035)
min.
9.67 (0.381)
9.38 (0.369)
11.58 (0.456)
11.28 (0.444)
0.50 (0.020)
0.26 (0.010)
13
2
2N3789XSMD
Bipolar PNP Device.
V
CEO =
60V
I
C = 10A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
10
A
h
FE
@ 2/1 (V
CE / IC)
25
90
-
f
t
4M
Hz
P
D
150
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
15-Aug-02
Bipolar PNP Device in a
Hermetically sealed
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
PINOUTS
1 – Base
2 – Collector
3 – Emitter
SMD1 (TO276AB)


유사한 부품 번호 - 2N3789XSMD

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3789 ETC-2N3789 Datasheet
347Kb / 8P
   Power Transistors
logo
Central Semiconductor C...
2N3789 CENTRAL-2N3789 Datasheet
123Kb / 2P
   PNP POWER TRANSISTORS JEDEC TO-3 CASE
logo
Comset Semiconductor
2N3789 COMSET-2N3789 Datasheet
178Kb / 5P
   EPITAXIAL-BASE NPN - PNP
More results

유사한 설명 - 2N3789XSMD

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N5153SMD SEME-LAB-2N5153SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3868SMD SEME-LAB-2N3868SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3792SMD SEME-LAB-2N3792SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3790SMD SEME-LAB-2N3790SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
BUX78ASMD SEME-LAB-BUX78ASMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
BUX78SMD SEME-LAB-BUX78SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N4901SMD SEME-LAB-2N4901SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3790XSMD SEME-LAB-2N3790XSMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3791SMD SEME-LAB-2N3791SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3867SMD05 SEME-LAB-2N3867SMD05 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com