전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4613 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA4613
상세설명  Audio Power Amplifier for Radio Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4613 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA4613 Datasheet HTML 1Page - Sanyo Semicon Device LA4613 Datasheet HTML 2Page - Sanyo Semicon Device LA4613 Datasheet HTML 3Page - Sanyo Semicon Device LA4613 Datasheet HTML 4Page - Sanyo Semicon Device LA4613 Datasheet HTML 5Page - Sanyo Semicon Device LA4613 Datasheet HTML 6Page - Sanyo Semicon Device LA4613 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA4613
No. 6014-4/7
1. Standby switching function (9)
Power is switched ON and OFF by controlling the High and Low states at pin 9,
respectively (standby). To switch power ON, apply 1.5V or more, or 800
µA to
pin 9.
• When directly connecting the microcontroller with this pin, add a
resistor in series to optimize the current for the microcontroller.
2. Input pins (11,13)
Voltage at the input pins is approx. 2 VBE (1.4V).
Input impedance is approx. 30 k
Ω.
• The recommended value for the input capacitor is 0.22
µF, but this can be varied in order to adjust the starting time
(ts). (The starting time is the time required from applying voltage to the standby pin until sound output is ob-
tained.)
3. Filter (decoupling) pin (7)
Pin voltage is approx. 1/2 VCC.
The recommended value for the filter capacitor is 100
µF.
When capacitance is lower, pop noise when setting the standby pin to Low (power OFF) will increase.
Filter capacitor= 100
µF
Filter capacitor= 47
µF
Current supplied to pin 9
Applied voltage
Applied voltage – VBE (approx. 0.7V)
2 k
2 k
+
Pin Descriptions
Input capacitator
1.0
µF
2.2
µF
3.3
µF
4.7
µF
10
µF
Starting time t
s
0.2s
0.3s
0.5s
0.65s
1.5s
9
To bias circuit
VCC
2k
2k
AC voltage (100 mV)
Output DC voltage
AC voltage (200 mV)
Output DC voltage
A11495
A11496
.
=
.


유사한 부품 번호 - LA4613

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

유사한 설명 - LA4613

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
   2-channel head switch for radio cassette recorders
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com