전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4700N 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA4700N
상세설명  2-Channel 12W AF Power Amplifier for Car Stereos
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4700N 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA4700N Datasheet HTML 1Page - Sanyo Semicon Device LA4700N Datasheet HTML 2Page - Sanyo Semicon Device LA4700N Datasheet HTML 3Page - Sanyo Semicon Device LA4700N Datasheet HTML 4Page - Sanyo Semicon Device LA4700N Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Sample Application Circuit
* Connect the portion bounded by a dotted line according to your intended applications.
When the power relay is not used, connect pin 9 to GND. In this case, the power switch is used to turn ON/OFF the LA4700N
or the main switch is used to turn ON/OFF the LA4700N.
Main switch
CMOS
µcon
contl
Noninverting
output
Noninverting
output
Icco – VCC
Supply voltage, VCC –V
Muting
Po–VIN
Input voltage, VIN –mV
LA4700N
No.2677-3/5


유사한 부품 번호 - LA4700N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results

유사한 설명 - LA4700N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
   20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Sanyo Semicon Device
LA4260 SANYO-LA4260 Datasheet
243Kb / 8P
   2.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4465 SANYO-LA4465 Datasheet
143Kb / 3P
   BTL-OCL 12W AF Power Amp For Car Stereo Use
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com