전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4743A 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA4743A
상세설명  45 W Four-Channel (Bridge Circuit) Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4743A 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA4743A Datasheet HTML 1Page - Sanyo Semicon Device LA4743A Datasheet HTML 2Page - Sanyo Semicon Device LA4743A Datasheet HTML 3Page - Sanyo Semicon Device LA4743A Datasheet HTML 4Page - Sanyo Semicon Device LA4743A Datasheet HTML 5Page - Sanyo Semicon Device LA4743A Datasheet HTML 6Page - Sanyo Semicon Device LA4743A Datasheet HTML 7Page - Sanyo Semicon Device LA4743A Datasheet HTML 8Page - Sanyo Semicon Device LA4743A Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No. 6629-2/9
LA4743A
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
RL = ∞, Rg = 0
100
200
350
mA
Standby current
Ist
Vst = 0 V
10
µA
Output offset voltage
VNoffset
Rg = 0
–100
+100
mV
Voltage gain
VG
VO = 0 dBm
25
26
27
dB
Voltage gain difference
∆VG
–1
+1
dB
PO1
THD = 10 %
23
28
W
Output power
PO max1 VCC = 13.7 V, VIN = 5 Vrms
40
W
PO max2 VIN = 5 Vrms
45
W
Total harmonic distortion
THD
PO = 4 W
0.05
0.4
%
Channel separation
CHsep
VO = 0 dBm, Rg = 10 kΩ
55
65
dB
Ripple rejection ratio
SVRR
fr = 100 Hz, VR = 0 dBm, Rg = 0
50
60
dB
Output noise voltage
VNO
Rg = 0, B.P.F. = 20 Hz to 20 kHz
100
200
µVrms
Muting attenuation
Mute(att)
VO = 20 dBm
70
80
dB
Operating Characteristics at Ta = 25°C, VCC = 14.4 V, f = 1 kHz, RL = 4 Ω, Rg = 600 Ω
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
14.4
V
Recommended load resistance
RL
4
Operating supply voltage range
VCC op
9 to 18
V
Operating Conditions at Ta = 25°C


유사한 부품 번호 - LA4743A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4743 SANYO-LA4743 Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
More results

유사한 설명 - LA4743A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4742 SANYO-LA4742 Datasheet
106Kb / 9P
   45 W Four-Channel Bridge Circuit Power Amplifier
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com