전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA5318V 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA5318V
상세설명  Voltage-Dividing Voltage Generator for Multi-Voltage LCD Matrix Drive
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5318V 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA5318V Datasheet HTML 1Page - Sanyo Semicon Device LA5318V Datasheet HTML 2Page - Sanyo Semicon Device LA5318V Datasheet HTML 3Page - Sanyo Semicon Device LA5318V Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No. 5670-2/4
LA5318V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC, IEE
VCC – VEE= –20 V, RX = 8R, INR = VCC : VCC, VEE
0.35
0.5
mA
Output voltage ratio 1
Ra1
V2/V1
1.96
2.00
2.04
Output voltage ratio 2
Ra2
(VREF – V3)/(VREF – V4)
1.96
2.00
2.04
Output voltage ratio 3
Rb1
VREF/V1
11.64
12.00
12.36
Output voltage ratio 4
Rb2
VREF/V2
5.82
6.00
6.18
Output voltage ratio 5
Rb3
VREF /(VREF – V3)
5.82
6.00
6.18
Output voltage ratio 3
Rb4
VREF /(VREF – V4)
11.64
12.00
12.36
Internal resistance ratio 1
RX1
RX1 – RX2
8
Internal resistance ratio 2
RX2
RX1 – RX3
Referenced to the resistance
12
Internal resistance ratio 3
RX3
RX1 – RX4
R between RX4 and VIN3
14
Internal resistance ratio 4
RX4
RX1 – VIN3
15
Resistance
R
The value of R when the voltage across
30
k
RX4 and VIN3 is 0.5 V.
Load regulation 1
∆V1
+0.1 mA < IOUT1 < +5 mA : V1
±20
mV
Load regulation 2
∆V2
+0.1 mA < IOUT2 < +5 mA : V2
±20
mV
Load regulation 3
∆V3
+0.1 mA < IOUT3 < +5 mA : V3
±20
mV
Load regulation 4
∆V4
+0.1 mA < IOUT4 < +5 mA : V4
±20
mV
Load regulation –1A
∆V1A
–0.5 mA < IOUT1 < –0.1 mA : V1
±20
mV
Load regulation –2A
∆V2A
–0.5 mA < IOUT2 < –0.1 mA : V2
±20
mV
Load regulation –3
∆V3
–10 mA < IOUT3 < –0.1 mA : V3
±20
mV
Load regulation –4
∆V4
–10 mA < IOUT4 < –0.1 mA : V4
±20
mV
Load regulation –1B
∆V1B
–5 mA < IOUT1 < –0.1 mA, BIN = GND : V1
±20
mV
Load regulation –2B
∆V2B
–5 mA < IOUT2 < –0.1 mA, BIN = GND : V2
±20
mV
OUTR pin saturation voltage
VOUTR
IOUT = 20 mA, VCC – INR = 2.7 : OUTR – VEE
0.5
V
Operating Characteristics at Ta = 25°C, VCC –VEE= –20 V, VREF = VEE, RX = 8R, BIN = OPEN
Pin Assignment
Block Diagram
(This circuit must be used with VRX1 ≥ VRX2 ≥ VRX3 ≥ VRX4.)
V1, V2 bias
control
VREF
control
Note: For IOUT, minus (–) indicates source current and plus (+) indicates sink current.


유사한 부품 번호 - LA5318V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5318M SANYO-LA5318M Datasheet
95Kb / 4P
   Variable Divided Voltage Generator for LCD Use?
More results

유사한 설명 - LA5318V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5311M SANYO-LA5311M Datasheet
46Kb / 2P
   Variable Drivided Voltage Generator for LCD
LA5316M SANYO-LA5316M Datasheet
106Kb / 5P
   Variable Divided Voltage Generator for LCD
LA5314 SANYO-LA5314 Datasheet
81Kb / 5P
   Variable Divided Voltage Generator for LCD Use
LA5315M SANYO-LA5315M Datasheet
94Kb / 4P
   Variable Divided Voltage Generator for LCD Use
logo
Burr-Brown (TI)
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Sanyo Semicon Device
LA5317M SANYO-LA5317M Datasheet
84Kb / 4P
   Variable Divided Voltage Generator for LCD Use?
LA5318M SANYO-LA5318M Datasheet
95Kb / 4P
   Variable Divided Voltage Generator for LCD Use?
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com