전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC303-6 데이터시트(PDF) 1 Page - Seme LAB

부품명 BC303-6
상세설명  Bipolar PNP Device in a Hermetically sealed TO39
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC303-6 데이터시트(HTML) 1 Page - Seme LAB

  BC303-6 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC303-6
Bipolar PNP Device.
V
CEO =
60V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
1
A
h
FE
@ 10/0.15 (V
CE / IC)
120
240
-
f
t
75M
Hz
P
D
0.85
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


유사한 부품 번호 - BC303-6

제조업체부품명데이터시트상세설명
logo
Seme LAB
BC303-4 SEME-LAB-BC303-4 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC303-5 SEME-LAB-BC303-5 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
More results

유사한 설명 - BC303-6

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N4239X SEME-LAB-2N4239X Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC303 SEME-LAB-BC303 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC461 SEME-LAB-BC461 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N4929 SEME-LAB-2N4929 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N4234 SEME-LAB-2N4234 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N4032 SEME-LAB-2N4032 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BFT37A SEME-LAB-BFT37A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
BC304-4 SEME-LAB-BC304-4 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N4236 SEME-LAB-2N4236 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
2N5023S SEME-LAB-2N5023S Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com