전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA5611 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA5611
상세설명  Multifunctional Voltage Regulator for TVs and VCRs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5611 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA5611 Datasheet HTML 1Page - Sanyo Semicon Device LA5611 Datasheet HTML 2Page - Sanyo Semicon Device LA5611 Datasheet HTML 3Page - Sanyo Semicon Device LA5611 Datasheet HTML 4Page - Sanyo Semicon Device LA5611 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Multifunctional Voltage Regulator
for TVs and VCRs
Applications
.
Audiovisual equipment, VCRs and TVs
Features
.
Low saturation type of regulator (ON/OFF function built in)
.
Control amplifier built in.
.
Current limit and thermal limit circuits built in
.
Reverse current prevention provided (VO4)
Package Dimensions
unit : mm
3107-SIP13H
[LA5611]
SANYO : SIP13H
Specfications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input voltage
VIN1 max
22
V
VIN2 max
VIN1 ^ VIN2VIN1
Allowable power dissipation
Pd max
No heat sink
2
W
Thermal resistance between
junction and case
θj-c
4.7
°C/W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Operating Conditions at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN1
11.5 to 20
V
VIN 2
6.2 to 20
V
Output current 1
IO1
Within ASO of external Tr
mA
Output current 2
IO2
10 to 480
mA
Output current 3
IO3
10 to 240
mA
Output current 4
IO4
5 to 48
mA
Ordering number: EN 5196
Monolithic Linear IC
LA5611
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
92895HA (II) No.5196-1/5


유사한 부품 번호 - LA5611

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
LA5613 SANYO-LA5613 Datasheet
59Kb / 4P
   VCR Regulator and Control Amplifier
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
   Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
More results

유사한 설명 - LA5611

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
   Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Sanyo Semicon Device
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LA7583 SANYO-LA7583 Datasheet
207Kb / 15P
   IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
logo
Rohm
BA7735FS ROHM-BA7735FS Datasheet
74Kb / 6P
   Electronic volume for VCRs and audio devices
logo
Sanyo Semicon Device
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com