전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA5692D 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA5692D
상세설명  Voltage Regulator Driver with Watchdog Timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5692D 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA5692D Datasheet HTML 1Page - Sanyo Semicon Device LA5692D Datasheet HTML 2Page - Sanyo Semicon Device LA5692D Datasheet HTML 3Page - Sanyo Semicon Device LA5692D Datasheet HTML 4Page - Sanyo Semicon Device LA5692D Datasheet HTML 5Page - Sanyo Semicon Device LA5692D Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Control pin voltage
VCONTmax
1s
60
V
Control pin voltage
VCONTmax
41
V
Control pin current
ICONTmax
*VCC≥6V
11
mA
CK input voltage
VCKmax
25
V
Reset pin voltage
VRES(1)max,
41
V
VRES(2)max
Allowable power dissipation
Pd max
LA5692D, 5692S
500
mW
LA5692M
370
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
* : A PNP transistor is connected to the LA5692D, 5692S externally to provide a low-saturation voltage regulator.
Therefore, ICONT≈100mA will flow, as starting current, in the VCC range where the output cannot be regulated.
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Control pin voltage
VCONT
6 to 40
V
Control pin current
ICONTmax
10
mA
Reset output current
IRES(1)max,
External R pull-up
8
mA
IRES(2)max
Reset detection voltage
VS min
4
V
Operating Characteristics at Ta=25°C, VCC=14V, IO=50mA, unless otherwise specified.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Output voltage
VO
4.8
5.0
5.2
V
Line regulation1
∆VOLN1
9V
≤VCC≤16V
2
10
mV
Line regulation2
∆VOLN2
6V
≤VCC≤40V
4
30
mV
Load regulation
∆VOLD
1mA
≤IO≤50mA
4
30
mV
Current dissipation
ICC
IO=0
4.4
6.5
mA
Output noise voltage
VNO
10Hz
≤f≤100kHz, VCK=0
150
µV
Temperature coefficient
∆VO /∆Ta
IO=5mA, –40°C≤Ta≤+85°C
±0.2
mV/°C
of output voltage
Reference voltage
VREF
1.13
1.18
1.23
V
‘H’-level CK input voltage
VIH
2
V
‘L’-level CK input voltage
VIL
0.8
V
‘H’-level CK input current
IIH
VCK=5V
0.3
0.7
mA
‘L’-level CK input current
IIL
VCK=0V
–1.0
–0.1
µA
‘H’-level reset output voltage
VORH(1)/
RES(2) : 10k
Ω pull-up
4.8
5.0
5.2
V
VORH(2)
‘L’-level reset output voltage1 VORL(1)1/
RES(2) : 10k
Ω pull-up
40
200
mV
VORL(2)1
‘L’-level reset output voltage2 VORL(1)2/
IRES(1)=IRES(2)=8mA
0.16
0.8
V
VORL(2)2
CK input pulse width
tCKW
VCK=5V
3
µs
Reset output delay time
td
Ct=1µF
7.5
10
12.5
ms
Watchdog time
tWD
Ct=1µF
30
40
50
ms
Watchdog reset time
tWR
Ct=1µF
0.1
0.25
0.4
ms
Reset hysteresis voltage
Vhys
VS=4.5V
100
200
300
mV
LA5692D, 5692S, 5692M
No.2770-2/6


유사한 부품 번호 - LA5692D

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5690S SANYO-LA5690S Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
LA5691S SANYO-LA5691S Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
More results

유사한 설명 - LA5692D

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Sanyo Semicon Device
LA5693MD SANYO-LA5693MD Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com