전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4954 데이터시트(PDF) 1 Page - Sensitron

부품명 1N4954
상세설명  Zener 5W Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N4954 데이터시트(HTML) 1 Page - Sensitron

  1N4954 Datasheet HTML 1Page - Sensitron 1N4954 Datasheet HTML 2Page - Sensitron 1N4954 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5069, REV. A
Zener 5W Voltage Regulator
• Hermetic, non-cavity glass package
• Metallurgically bonded
• Operating and Storage Temperature: -65oC to +175oC
• Manufactured and screened to MIL-PRF-19500/356 per Sensitron specification 7700-409x
SS4954/US thru SS4996/US
MAX ZENER
IMPEDANCE
MAX REVERSE
LEAKAGE
CURRENT
VOLTAGE
SERIES
TYPE
VZ
NOM
TEST
CURRENT
IZ
ZZ
ZZK
VOLTAGE
REGULATION
VZ
SURGE
CURRENT
IZSM
VR
IR1
TEMP.
COEFF
αVZ
MAX
CONTINUOUS
CURRENT
IZM
5W
V
mA
V
A
V
µA
% /°C
mA
1N4954/US
6.8
175
1
1,000
.7
29.3
5..2
150
.05
700
1N4955/US
7.5
175
1.5
800
.7
26.4
5..7
100
.06
630
1N4956/US
8.2
150
1.5
600
.7
24
6.2
50
.06
580
1N4957/US
9.1
150
2
400
.7
22
6..9
25
.06
520
1N4958/US
10
125
2
125
.8
20
7..6
25
.07
475
1N4959/US
11
125
2.5
130
.8
19
8.4
10
.07
430
1N4960/US
12
100
2.5
140
.8
18
9.1
10
.07
395
1N4961/US
13
100
3
145
.9
16
9.9
10
.08
365
1N4962/US
15
75
3.5
150
1.0
12
11.4
5
.08
315
1N4963/US
16
75
3.5
155
1.1
10
12.2
5
.08
294
1N4964/US
18
65
4
160
1.2
9.0
13.7
5
.085
264
1N4965/US
20
65
4.5
165
1.5
8.0
15.2
2
.085
237
1N4966/US
22
50
5
170
1.8
7.0
16.7
2
.085
216
1N4967/US
24
50
5
175
2.0
6.5
18.2
2
.09
198
1N4968/US
27
50
6
180
2.0
6.0
20.6
2
.09
176
1N4969/US
30
40
8
190
2.5
5.5
22.8
2
.09
158
1N4970/US
33
40
10
200
2.8
5.0
25.1
2
.095
144
1N4971/US
36
30
11
220
3.0
4.5
27.4
2
.095
132
1N4972/US
39
30
14
230
3.0
4.0
29.7
2
.095
122
1N4973/US
43
30
20
240
3.3
3.5
32.7
2
.095
110
1N4974/US
47
25
25
250
3.5
3.2
35.8
2
.095
100
1N4975/US
51
25
27
270
4.0
3.0
38.8
2
.095
92
1N4976/US
56
20
35
320
4.4
2.8
42.6
2
.095
84
1N4977/US
62
20
42
400
5.0
2.5
47.1
2
.100
76
1N4978/US
68
20
50
500
5.5
2.2
51.7
2
.100
70
1N4979/US
75
20
55
620
6.0
2.0
56
2
.100
63
1N4980/US
82
15
80
720
6.6
1.8
62.2
2
.100
58.0
1N4981/US
91
15
90
760
7.5
1.6
69.2
2
.100
52.5
1N4982/US
100
12
110
800
8.0
1.4
76.0
2
.100
47.5
1N4983/US
110
12
125
1,000
9.0
1.2
83.6
2
.100
43.0
1N4984/US
120
10
170
1,150
10
1.0
91.2
2
.100
39.5
1N4985/US
130
10
190
1,250
11
.8
98.8
2
.105
36.6
1N4986/US
150
8
330
1,500
13
.75
114.0
2
.105
31.6
1N4987/US
160
8
350
1,650
14
.70
121.6
2
.105
29.4
1N4988/US
180
5
450
1,750
16
.60
136.8
2
.110
26.4
1N4989/US
200
5
500
1,850
18
.50
152.0
2
.110
23.6
1N4990/US
220
5
550
2,000
19
.50
167
2
.115
21.6
1N4991/US
240
5
650
2,050
22
.40
182
2
.115
19.8
1N4992/US
270
5
800
2,100
25
.35
206
2
.120
17.5
1N4993/US
300
4
950
2,150
28
.30
228
2
.120
15.6
1N4994/US
330
4
1175
2,200
32
.25
251
2
.120
14.4
1N4995/US
360
3
1400
2,300
35
.22
274
2
.120
13
1N4996/US
390
3
1800
2,500
40
.20
297
2
.120
12


유사한 부품 번호 - 1N4954

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
1N4954 NJSEMI-1N4954 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Semtech Corporation
1N4954 SEMTECH-1N4954 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N4954 NJSEMI-1N4954 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4954 NJSEMI-1N4954 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4954 NJSEMI-1N4954 Datasheet
75Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results

유사한 설명 - 1N4954

제조업체부품명데이터시트상세설명
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1N4954 SENSITRON-1N4954 Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
1C4974 SENSITRON-1C4974 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4964 SENSITRON-1C4964 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com