전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6462M 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA6462M
상세설명  High-Performance Dual Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6462M 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA6462M Datasheet HTML 1Page - Sanyo Semicon Device LA6462M Datasheet HTML 2Page - Sanyo Semicon Device LA6462M Datasheet HTML 3Page - Sanyo Semicon Device LA6462M Datasheet HTML 4Page - Sanyo Semicon Device LA6462M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Operating Characteristics at Ta = 25°C, VCC = 15V,VEE = −15 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input offset voltage
VIO
RS =10kΩ
0.3
6.0
mV
Input offset current
IIO
5
200
nA
Input bias current
IB
200
500
nA
Common-mode input voltage
VICM
±12
±14
V
Common-mode rejection ratio
CMRR
70
90
dB
Voltage gain
VGO
RL ^ 2kΩ,VO = ±10 V
96
110
dB
Maximum output voltage
VO (1)
RL ^ 10 kΩ±14
V
VO (2)
RL ^ 2kΩ±13
V
Slew rate
SR
VG = 0, RL ^ 2kΩ
4.0
V/µs
Equivalent input noise voltage
VNI (1)
Rg = 2.2 k
Ω, RIAA, DIN audio weight
0.70
µV
VNI (2)
Rg = 300
Ω, IHF-A weight
0.50
µV
Current drain
ICC
6.0
mA
Power dissipation
Pd
180
mW
Gain-bandwidth product
fT
6
MHz
Test Circuits
Oscilloscope
10 Vp-p rectangular wave
LA6462M, 6462S
No.2064-2/5


유사한 부품 번호 - LA6462M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6458 SANYO-LA6458 Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
LA6458S SANYO-LA6458S Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
LA6458S SANYO-LA6458S Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
More results

유사한 설명 - LA6462M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204 Datasheet
141Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
April 1998
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458IN STMICROELECTRONICS-MC1458IN Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com