전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1203 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 2SA1203
상세설명  Audio Frequency Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1203 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  2SA1203_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1203_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1203_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1203_09 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1203
2009-12-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −30 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−30
V
Emitter-base breakdown voltage
V (BR) EBO
IE = −1 mA, IC = 0
−5
V
DC current gain
hFE
(Note 3)
VCE = −2 V, IC = −500 mA
100
320
Collector-emitter saturation voltage
VCE (sat)
IC = −1.5 A, IB = −0.03 A
−2.0
V
Base-emitter voltage
VBE
VCE = −2 V, IC = −500 mA
−1.0
V
Transition frequency
fT
VCE = −2 V, IC = −500 mA
120
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
50
pF
Note 3: hFE classification O: 100 to 200, Y: 160 to 320
Marking
Note 4: A line beside a Lot No. identifies the indication of product Labels.
Without a line: [[Pb]]/INCLUDES > MCV
With a line: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
H
Part No. (or abbreviation code)
Lot No.
Note 4
Characteristics indicator


유사한 부품 번호 - 2SA1203_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
More results

유사한 설명 - 2SA1203_09

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com