전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G00 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 74LVC1G00
상세설명  SINGLE 2 INPUT POSITIVE NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G00 데이터시트(HTML) 4 Page - Diodes Incorporated

  74LVC1G00 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G00 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVC1G00
SINGLE 2 INPUT POSITIVE NAND GATE
74LVC1G00
Document number: DS32196 Rev. 2 - 2
4 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data retention only
1.5
V
VIH
High-level Input Voltage
VCC = 1.65V to 1.95V
0.65 X VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 3V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 X VCC
VIL
Low-level input voltage
VCC = 1.65V to 1.95V
0.35 X VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 3V
-16
-24
VCC = 4.5V
-32
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 3V
16
24
VCC = 4.5V
32
Δt/ΔV
Input transition rise or fall
rate
VCC = 1.8V ± 0.15V, 2.5V ± 0.2V
20
ns/V
VCC = 3.3V ± 0.3V
10
VCC = 5V ± 0.5V
5
TA
Operating free-air
temperature
-40
85
ºC
Notes:
4. Unused inputs should be held at Vcc or Ground.


유사한 부품 번호 - 74LVC1G00

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
74LVC1G00 NXP-74LVC1G00 Datasheet
87Kb / 14P
   Single 2-input NAND gate
Rev. 07-17 July 2007
logo
Diodes Incorporated
74LVC1G00 DIODES-74LVC1G00 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 1 - 2
logo
NXP Semiconductors
74LVC1G00 NXP-74LVC1G00 Datasheet
425Kb / 17P
   Single 2-input NAND gate
Rev. 8-20 October 2010
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
123Kb / 17P
   Single 2-input NAND gate
Rev. 9-7 December 2011
More results

유사한 설명 - 74LVC1G00

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com