전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6540M 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA6540M
상세설명  4-output Power Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6540M 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA6540M Datasheet HTML 1Page - Sanyo Semicon Device LA6540M Datasheet HTML 2Page - Sanyo Semicon Device LA6540M Datasheet HTML 3Page - Sanyo Semicon Device LA6540M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-output Power Operational Amplifier
Overview
The LA6540M is a 4-output power operational amplifier
developed for use in consumer and industrial equipment.
Functions
.
High output current (IO max = 0.7 A : typ)
.
Includes a current limiter
.
Wide operating voltage range (
±2to ±16 V)
.
Single-supply operation possible (4 to 32 V)
.
Thermal shutdown built in
Package Dimensions
unit : mm
3097-MFP16FS
[LA6540M]
SANYO : MFP16FS
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC/VEE
±18
V
Input voltage
VIN
±17
V
Allowable power dissipation
Pd max
0.7
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Operation Characteristics at Ta=25 °C, VCC = +15 V, VEE = –15 V
Parameter
Symbol
Conditions
min
typ
max
Unit
No-load current drain
ICC
Mute OFF
15
30
mA
Input offset voltage
VIO
RS % 10 kΩ
27
mV
Input offset current
IIO
10
100
nA
Input bias current
IB
50
300
nA
Input common-mode voltage
range
VID
–14
+13
V
Common-mode signal rejection
ratio
CMRR
60
75
dB
Maximum output voltage
VO
RL =33 Ω±11
±12
V
Slew rate
SR
RL =33 Ω,R1=2.2 Ω, C1 = 0.1 µF
0.15
V/µs
Limiting current (built in)
ISC
0.5
0.7
A
Ordering number: EN5329
Monolithic Linear IC
LA6540M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
22896HA (II) No.5329-1/4


유사한 부품 번호 - LA6540M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6541D SANYO-LA6541D Datasheet
80Kb / 7P
   4-channel Bridge Driver for Compact Discs
LA6541ND SANYO-LA6541ND Datasheet
78Kb / 9P
   Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results

유사한 설명 - LA6540M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6523 SANYO-LA6523 Datasheet
219Kb / 5P
   3-Output Power Operational Amplifier
LA6517 SANYO-LA6517 Datasheet
120Kb / 5P
   2-Output Power Operational Amplifier
LA6520 SANYO-LA6520 Datasheet
34Kb / 2P
   3-Output Power Operational Amplifier
logo
SG Micro Corp
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A_16 Datasheet
328Kb / 10P
   Output Operational Amplifier
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
SGM8046 SGMICRO-SGM8046 Datasheet
340Kb / 10P
   Input/Output Operational Amplifier
SGM8045 SGMICRO-SGM8045 Datasheet
343Kb / 11P
   Input/Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_16 Datasheet
963Kb / 23P
   Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
   Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com