전자부품 데이터시트 검색엔진 |
|
74LVC1G08W5 데이터시트(PDF) 3 Page - Diodes Incorporated |
|
74LVC1G08W5 데이터시트(HTML) 3 Page - Diodes Incorporated |
3 / 14 page 74LVC1G08 SINGLE 2 INPUT POSITIVE AND GATE 74LVC1G08 Document number: DS32199 Rev 2 - 2 3 of 14 www.diodes.com October 2010 © Diodes Incorporated Absolute Maximum Ratings (Note 3) Symbol Description Rating Unit ESD HBM Human Body Model ESD Protection 2 KV ESD MM Machine Model ESD Protection 200 V VCC Supply Voltage Range -0.5 to 6.5 V VI Input Voltage Range -0.5 to 6.5 V Vo Voltage applied to output in high impedance or IOFF state -0.5 to 6.5 V Vo Voltage applied to output in high or low state. -0.3 to VCC +0.5 V IIK Input Clamp Current VI<0 -50 mA IOK Output Clamp Current -50 mA IO Continuous output current ±50 mA Continuous current through Vdd or GND ±100 mA TJ Operating Junction Temperature -40 to 150 °C TSTG Storage Temperature -65 to 150 °C Notes: 3. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values. |
유사한 부품 번호 - 74LVC1G08W5 |
|
유사한 설명 - 74LVC1G08W5 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |