전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6542M 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA6542M
상세설명  4-Channel Bridge (BTL) Driver for CD-ROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6542M 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LA6542M Datasheet HTML 1Page - Sanyo Semicon Device LA6542M Datasheet HTML 2Page - Sanyo Semicon Device LA6542M Datasheet HTML 3Page - Sanyo Semicon Device LA6542M Datasheet HTML 4Page - Sanyo Semicon Device LA6542M Datasheet HTML 5Page - Sanyo Semicon Device LA6542M Datasheet HTML 6Page - Sanyo Semicon Device LA6542M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA6542M
No. 5717-6/7
Sample Application Circuit
A11141
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
RF
RF
VOUT
VIN
VIN
+
MUTE1
Microprocessor
VIN1
VG1
VIN2
VG2
VIN3
VG3
VIN4
VG4
MUTE2
VCC
RF
RF
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
RF
RF
VSS
VSS OUT
VO1
VO2
VS1
VO3
VO4
VO5
M
VO6
VS2
VO7
VO8
VREF OUT
VREF IN
RF
RF
Focus input
Tracking input
Focus
Tracking
Sled
Spindle
Reference voltage
Sled input
Spindle input
Microprocessor
12V power supply
5V power supply
M
LA6542M


유사한 부품 번호 - LA6542M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6540 SANYO-LA6540 Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
LA6540M SANYO-LA6540M Datasheet
76Kb / 4P
   4-output Power Operational Amplifier
LA6541 SANYO-LA6541 Datasheet
91Kb / 6P
   4-channel Bridge Driver for Compact Discs
LA6541D SANYO-LA6541D Datasheet
80Kb / 7P
   4-channel Bridge Driver for Compact Discs
LA6541ND SANYO-LA6541ND Datasheet
78Kb / 9P
   Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC
More results

유사한 설명 - LA6542M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6544M SANYO-LA6544M Datasheet
61Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Sanyo Semicon Device
LA6539M SANYO-LA6539M Datasheet
137Kb / 4P
   Three-Channel CD-ROM Bridge Driver BTL
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
W43023 ETC2-W43023 Datasheet
518Kb / 9P
   4-Channel BTL Motor Driver for CD-ROM
logo
Ceramate Technical
CMD5954 CERAMATE-CMD5954 Datasheet
768Kb / 9P
   4-Channel BTL Motor Driver for CD-ROM
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com