전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA70011 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA70011
상세설명  Recording/Playback Amplifier for VHS VCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70011 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA70011 Datasheet HTML 3Page - Sanyo Semicon Device LA70011 Datasheet HTML 4Page - Sanyo Semicon Device LA70011 Datasheet HTML 5Page - Sanyo Semicon Device LA70011 Datasheet HTML 6Page - Sanyo Semicon Device LA70011 Datasheet HTML 7Page - Sanyo Semicon Device LA70011 Datasheet HTML 8Page - Sanyo Semicon Device LA70011 Datasheet HTML 9Page - Sanyo Semicon Device LA70011 Datasheet HTML 10Page - Sanyo Semicon Device LA70011 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Envelope Detector Characteristic: Pin 6
The LA70011 includes a built-in playback signal envelope detector circuit for use in automating tracking adjustment.
REC AMP Gain Control
The LA70011 eliminates recording current adjustment by adding an automatic gain control circuit to the recording
amplifier. It is also possible to change the recording current with the following methods.
REC-CURRENT-ADJ2 Open
The internal bias forces the DC level at pin 12 to 1/2 VCC (that is, approximately 2.5 V), and RO1 determines the
recording current.
Design values
RO1 = 1.5 kΩ = 16.0 mA (SP) (per channel)
RO1 = 1.5 kΩ =12.7 mA (EP)
REC-CURRENT-ADJ2 Used
Applying a DC control voltage between 1 and 4 V to pin 12 adjusts the figure determined by RO1 between –6.0 dB and
+3.5 dB.
No. 5710-9/11
LA70011, 70011M
Pin 6 level - detector
DC level (V)
Pin 7 level - playback output level (mVp-p)
Envelope detector voltage characteristic
EP, with 18k
Ω resistor on pin 6
SP, with 18k
Ω resistor on pin 6


유사한 부품 번호 - LA70011

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70020M SANYO-LA70020M Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
More results

유사한 설명 - LA70011

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
logo
Sanyo Semicon Device
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
LA7375 SANYO-LA7375 Datasheet
140Kb / 7P
   Recording and Playback Amplifier for VHS Video Recorders
LA7371A SANYO-LA7371A Datasheet
447Kb / 11P
   RECORDING AND PLAYBACK AMPLIFIER FOR VHS VIDEO RECORDERS
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA7321 SANYO-LA7321 Datasheet
393Kb / 9P
   VHS VTR Playback Head Amp, Recording Amp
LA7300M SANYO-LA7300M Datasheet
136Kb / 3P
   VHS VTR PLAYBACK HEAD AMP, RECORDING AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com