전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA70020 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LA70020
상세설명  Recording/Playback Amplifier for VHS VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70020 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LA70020 Datasheet HTML 3Page - Sanyo Semicon Device LA70020 Datasheet HTML 4Page - Sanyo Semicon Device LA70020 Datasheet HTML 5Page - Sanyo Semicon Device LA70020 Datasheet HTML 6Page - Sanyo Semicon Device LA70020 Datasheet HTML 7Page - Sanyo Semicon Device LA70020 Datasheet HTML 8Page - Sanyo Semicon Device LA70020 Datasheet HTML 9Page - Sanyo Semicon Device LA70020 Datasheet HTML 10Page - Sanyo Semicon Device LA70020 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
No. 5711-7/13
LA70020, 70020M
Continued from preceding page.
Pin Number
Pin Name
Standard DC Voltage (V)
Equivalent Circuit
Notes
12
ENVDET-OUT
13
PB-OUT
14
26
GND
15
REC-Y-IN
PB
REC
See relevant
documents.
0
PB
REC
1.7
0
PB
REC
0
3.7
16
REC-C-IN
17
REC/MUTE/PB
PB
REC
0
3.7
3.0 V
1.0 V
REC
REC
MUTE
PB
Continued on next page.


유사한 부품 번호 - LA70020

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70011M SANYO-LA70011M Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
More results

유사한 설명 - LA70020

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
logo
Sanyo Semicon Device
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
LA7375 SANYO-LA7375 Datasheet
140Kb / 7P
   Recording and Playback Amplifier for VHS Video Recorders
LA7371A SANYO-LA7371A Datasheet
447Kb / 11P
   RECORDING AND PLAYBACK AMPLIFIER FOR VHS VIDEO RECORDERS
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA7321 SANYO-LA7321 Datasheet
393Kb / 9P
   VHS VTR Playback Head Amp, Recording Amp
LA7300M SANYO-LA7300M Datasheet
136Kb / 3P
   VHS VTR PLAYBACK HEAD AMP, RECORDING AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com