전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1430 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 2SA1430
상세설명  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1430 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  2SA1430_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1430_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1430_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1430_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1430
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Ambient temperature Ta (°C)
PC – Ta
Safe Operating Area
Collector-emitter voltage VCE (V)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
120
160
140
0
0
Common emitter
Ta = 25°C
−4
−1.6
−2.4
−3.2
−4.0
−30
−100
−50
−3
−5
−20
IB = −1 mA
−10
−0.8
−1
−2
−3
−2
−0.03
500
Common emitter
VCE = −1 V
30
50
100
300
3000
−0.1
−1
−25
25
Ta = 100°C
−3
−0.3
−0.01
1000
Common emitter
VCE = −1 V
0
−2
−3
−0.8
−1.2
Ta = 100°C
25
−2.0
−1.6
−0.4
0
−1
−4
−25
−0.01
−0.03
−0.1
−0.3
−3
−0.01
−0.03
−0.1
−0.3
−0.5
−0.05
−1
Common emitter
IC/IB = 40
Ta = 100°C
−25
25
−1
IC max (pulsed)*
*:
Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
DC operation
Ta = 25°C
10 ms*
t = 1 ms*
−0.03
−0.1
−0.3
−1
−30
−0.01
−0.03
−0.1
−0.3
−0.5
−0.05
−1
−3
−10
−3
−5
−10


유사한 부품 번호 - 2SA1430_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1430 TOSHIBA-2SA1430 Datasheet
157Kb / 2P
   STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
More results

유사한 설명 - 2SA1430_06

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com