전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7577N 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA7577N
상세설명  Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7577N 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA7577N Datasheet HTML 5Page - Sanyo Semicon Device LA7577N Datasheet HTML 6Page - Sanyo Semicon Device LA7577N Datasheet HTML 7Page - Sanyo Semicon Device LA7577N Datasheet HTML 8Page - Sanyo Semicon Device LA7577N Datasheet HTML 9Page - Sanyo Semicon Device LA7577N Datasheet HTML 10Page - Sanyo Semicon Device LA7577N Datasheet HTML 11Page - Sanyo Semicon Device LA7577N Datasheet HTML 12Page - Sanyo Semicon Device LA7577N Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LA7577N
No. 4037—9/16
FM Discriminator (Pin 2)
The quadrature detector frequency at which the 90
° phase
shift occurs is determined by the tuned circuit connected
to pin 2 as shown in Figure 7.
The detector bandwidth characteristics are determined
largely by the coil Q and damping resistance. The damp-
ing resistor should be chosen for the desired output level
and bandwidth characteristics.
FM muting is achieved by holding point A, in Figure 7, at
≤1V DC.
IF AGC (Pins 3 and 13)
The IF signal is peak detected and averaged by the filters
connected to pins 13 and 3, which are the 1st AGC and
2nd AGC, respectively, as shown in Figure 8. The IF AGC
audio component of the input signal to the video IF stage
is first removed by an audio trap.
Figure 7. FM discriminator
Figure 8. IF AGC circuits
Typical AGC filter time constants
Mute switch (IS-15 switch)
The black-noise canceler can be disabled by pulling pin 13
to 1V or lower. An external AGC source can then be
applied to pin 3 to drive the AGC circuit. This mode of
operation is designed for use with an IS-15 (EIA standard)
switch.
Ghosting problems
Reflected signals which have a phase different from that of
the main signal can cause distortion of the horizontal sync
pulse, as shown in Figure 9. As a result, the same charge-
to-discharge current ratio of the IF AGC cannot be main-
tained. If the phase difference is large, the video signal can
also be distorted as shown in Figure 10. Distortion can be
minimized by connecting a 820k
Ω to 1MΩ resistor
between pin 13 and ground.
Pin
Component
Single time
constant
Double time constant
3
C1
330pF
330pF
330pF
R1
2.2k
1.8k
C2
0.47
µF
0.1
µF
13
C3
0.47
µF
0.068
µF
0.047
µF
R2
820k
820k
820k
Figure 9. Horizontal sync pulse distortion
Figure 10. Video signal distortion


유사한 부품 번호 - LA7577N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
More results

유사한 설명 - LA7577N

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
logo
List of Unclassifed Man...
GL3120 ETC-GL3120 Datasheet
283Kb / 4P
   VIF SIF CIRCUIT FOR TV SETS VTRS
logo
Sanyo Semicon Device
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
logo
Mitsubishi Electric Sem...
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com