전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7577 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LA7577
상세설명  Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7577 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LA7577 Datasheet HTML 7Page - Sanyo Semicon Device LA7577 Datasheet HTML 8Page - Sanyo Semicon Device LA7577 Datasheet HTML 9Page - Sanyo Semicon Device LA7577 Datasheet HTML 10Page - Sanyo Semicon Device LA7577 Datasheet HTML 11Page - Sanyo Semicon Device LA7577 Datasheet HTML 12Page - Sanyo Semicon Device LA7577 Datasheet HTML 13Page - Sanyo Semicon Device LA7577 Datasheet HTML 14Page - Sanyo Semicon Device LA7577 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LA7577N
No. 4037—11/16
AFT Tank (Pins 11 and 12)
The automatic frequency tuner (AFT) tank connected to
pins 11 and 12 generates the 90
° phase shift required for
quadrature detection. The band-pass frequency character-
istics of the IF SAW filter and the AFT tank are shown in
Figure 17(A) and 17(B), respectively. The combined
response is shown in Figure 17(C). The resulting extended
low-frequency response, which increases susceptibility to
incorrect operation, can be reduced by connecting capaci-
tor C2 in series with the AFT tank as shown in Figure 18.
The resultant frequency response is shown in Figure
17(D).
Capacitors C1 and C2 should have a ratio of approxi-
mately 5 to 1. An inductor or resistor should also be con-
nected in parallel with C2 to maintain the DC balance of
the AFT tank.
The AFT can be defeated by connecting pin 11 to ground
through resistor R1, which should be 20k
Ω or lower.
Figure 17. AFT tank characteristics
AFT Output (Pin 14)
An external bleeder resistor is required to generate the
AFT voltage. The AFT loop time constant is formed by
external resistor R3 and capacitor C2, as shown in Figure
19. The resistor also provides overvoltage protection.
Fluctuations in the AFT quiescent output voltage, if
present in station selector systems using PLLs or voltage
synthesizers, can be reduced by connecting series resistor
R4 as shown in Figure 20. Note, however, that this also
reduces the AFT range.
Figure 18. AFT tank
Figure 19. AFT loop time constant


유사한 부품 번호 - LA7577

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
More results

유사한 설명 - LA7577

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
logo
List of Unclassifed Man...
GL3120 ETC-GL3120 Datasheet
283Kb / 4P
   VIF SIF CIRCUIT FOR TV SETS VTRS
logo
Sanyo Semicon Device
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
logo
Mitsubishi Electric Sem...
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com