전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7780M 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA7780M
상세설명  QPSK Downconverter for CATV Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7780M 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LA7780M Datasheet HTML 1Page - Sanyo Semicon Device LA7780M Datasheet HTML 2Page - Sanyo Semicon Device LA7780M Datasheet HTML 3Page - Sanyo Semicon Device LA7780M Datasheet HTML 4Page - Sanyo Semicon Device LA7780M Datasheet HTML 5Page - Sanyo Semicon Device LA7780M Datasheet HTML 6Page - Sanyo Semicon Device LA7780M Datasheet HTML 7Page - Sanyo Semicon Device LA7780M Datasheet HTML 8Page - Sanyo Semicon Device LA7780M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
No. 5268-6/9
LA7780M
Continued from preceding page.
Pin No.
Function
Pin voltage (V)
Note
Equivalent circuit
13
Post-amp output
2, 3
R = 30
I = 7 mA
14
Post-amp input
2.0
V = 2.1 V
R = 300
15
GND
0
16
IF output
1.7
R = 100
I = 3.5 mA
17
VCC
5.0
18
19
20
21
Oscillator input 4
Oscillator input 3
Oscillator input 2
Oscillator input 1
3.0
3.0
V = 3.0 V
R = 5 k
I = 1 mA
22
GND
0
23
Divider output
3.3
R = 100
I = 1 mA
24
Output level
adjustment
2.5
R = 25 k


유사한 부품 번호 - LA7780M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
More results

유사한 설명 - LA7780M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
ANADIGICS, Inc
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2206 ANADIGICS-ACD2206 Datasheet
464Kb / 20P
   CATV/TV/VIDEO DOWNCONVERTER WITH DUAL SYNTHESIZER
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2203 ANADIGICS-ACD2203 Datasheet
618Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
logo
NXP Semiconductors
TDA9829T PHILIPS-TDA9829T Datasheet
153Kb / 20P
   Downconverter for DVB
1998 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com